Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCS501 Datasheet(PDF) 1 Page - Texas Instruments

Part # CDCS501
Description  SSC Clock Generator/Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCS501 Datasheet(HTML) 1 Page - Texas Instruments

  CDCS501 Datasheet HTML 1Page - Texas Instruments CDCS501 Datasheet HTML 2Page - Texas Instruments CDCS501 Datasheet HTML 3Page - Texas Instruments CDCS501 Datasheet HTML 4Page - Texas Instruments CDCS501 Datasheet HTML 5Page - Texas Instruments CDCS501 Datasheet HTML 6Page - Texas Instruments CDCS501 Datasheet HTML 7Page - Texas Instruments CDCS501 Datasheet HTML 8Page - Texas Instruments CDCS501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
FEATURES
APPLICATIONS
PACKAGE
SSC_SEL 0
1
8
VDD
SSC_SEL 1
2
7
OUT
GND
3
6
SSC_ON
IN
4
5
CDCS501
SSC_SEL 2
BLOCK DIAGRAM
VDD
GND
OUT
SSCGenerator
IN
LVCMOS
SPREAD
LOOK-UP
TABLE
SSC_SEL 0
SSC_SEL 1
SSC_SEL 2
LV
CMOS
SSC_ON
DESCRIPTION
CDCS501
www.ti.com..................................................................................................................................................................................................... SCAS874 – APRIL 2009
SSC Clock Generator/Buffer
• Consumer and Industrial Applications
• Part of a Family of Easy to use Clock
Requiring EMI Reduction through Spread
Generator Devices With Optional SSC
Spectrum Clocking
• SSC Capable Clock Generator / Buffer
• SSC Controllable via 3 External Pins
–
±0% to ±1.5% Center Spread
• 1 External Control Pin for SSC ON / OFF
Selection
• 40 MHz to 108 MHz Single-Ended LVCMOS
Input
• Single 3.3V Device Power Supply
• Wide Temperature Range – 40°C to 85°C
• Low Space Consumption by 8 Pin TSSOP
Package
The CDCS501 is a spread spectrum capable, LVCMOS Input Clock Buffer for EMI reduction.
The device is designed to counter common EMI problems in modern electronic designs.
It accepts a 3.3V LVCMOS signal at the input and spread this signal by a small amount, centered around the
input frequency. The amount of spread can be selected via 3 control pins. The Functional Table contains detailed
information on the amount of spread. A 4th control pin can be used to activate or deactivate the Spread
Spectrum Clock Generator.
Selecting SSC_ON = off will turn the Spread Spectrum Clock Generator off only. The device will still pass the
LVCMOS signal that’s presented at its input trough to its output. This pin is low active.
The wide operating frequency range covers most commonly used midrange Audio and Video frequencies. The
CDCS501 operates in 3.3V environment.
It is characterized for operation from –40°C to 85°C, and available in an 8-pin TSSOP package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCS501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCS501 TI-CDCS501 Datasheet
309Kb / 10P
SSC Clock Generator/Buffer
CDCS501PW TI-CDCS501PW Datasheet
309Kb / 10P
SSC Clock Generator/Buffer
CDCS501PWR TI-CDCS501PWR Datasheet
309Kb / 10P
SSC Clock Generator/Buffer
More results

Similar Description - CDCS501

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25822-2 CYPRESS-CY25822-2 Datasheet
74Kb / 9P
CK-SSC Spread Spectrum Clock Generator
logo
Texas Instruments
CDCE18005 TI-CDCE18005 Datasheet
1Mb / 58P
Five/Ten Output Clock Generator/Buffer
CDCS502 TI-CDCS502 Datasheet
353Kb / 11P
Crystal Oscillator / Clock Generator with optional SSC
CDCS501 TI-CDCS501 Datasheet
309Kb / 10P
SSC Clock Generator/Buffer
CDCS503 TI-CDCS503 Datasheet
307Kb / 9P
Clock Buffer/Clock Multiplier With Optional SSC
CDCS503-Q1 TI1-CDCS503-Q1 Datasheet
527Kb / 14P
Clock Buffer/Clock Multiplier With Optional SSC
CDCS502 TI1-CDCS502_12 Datasheet
566Kb / 12P
Crystal Oscillator / Clock Generator with optional SSC
CDCS503 TI1-CDCS503_16 Datasheet
958Kb / 11P
Clock Buffer/Clock Multiplier With Optional SSC
CDCE937 TI1-CDCE937_17 Datasheet
1Mb / 39P
Flexible Low Power LVCMOS Clock Generator With SSC Support For EMI Reduction
logo
Silicon Laboratories
SL38000-15AH SILABS-SL38000-15AH Datasheet
177Kb / 10P
4-PLL Clock Generator with SSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com