Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP113 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP113
Description  Photo−IC Isolated Line Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP113 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP113 Datasheet HTML 1Page - Toshiba Semiconductor TLP113 Datasheet HTML 2Page - Toshiba Semiconductor TLP113 Datasheet HTML 3Page - Toshiba Semiconductor TLP113 Datasheet HTML 4Page - Toshiba Semiconductor TLP113 Datasheet HTML 5Page - Toshiba Semiconductor TLP113 Datasheet HTML 6Page - Toshiba Semiconductor TLP113 Datasheet HTML 7Page - Toshiba Semiconductor TLP113 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TLP113
2007-10-01
3
Electrical Characteristics(unless otherwise specified, Ta=0~70°C, VCC=4.5~5.5V,
VFL≤ 1.0V)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF=10mA, Ta=25°C
―
1.65
1.80
V
Forward voltage
temperature coefficient
VF / Ta
IF=10mA
―
−2
―
mV / °C
Reverse current
IR
VR=5V, Ta=25°C
―
―
10
μA
Capacitance between
terminals
CT
VF=0, f=1MHz, Ta=25°C
―
45
―
pF
VF=1.0, VO=5.5V
―
―
250
High level output current
IOH
VF=1.0, VO=5.5V, Ta=25°C
―
0.5
10
μA
Low level output voltage
VOL
IF=10mA
IOL=13mA(sinking)
―
0.4
0.6
V
"H level output→ L level
output" input current
IFH
IOL=13mA(sinking)
VOL=0.6V
―
―
10
mA
High level supply current
ICCH
VCC=5.5V, IF=0
―
7
15
mA
Low level supply current
ICCL
VCC=5.5V, IF=16mA
―
12
18
mA
Input
−output
insulation leakage current
IS
VS=3540V, t=5s
Ta=25°C
(Note 4)
―
―
100
μA
Isolation resistance
RS
R.H. ≤ 60%, VS=500V DC
Ta=25℃
(Note 4)
5×10
10
10
14
―
Ω
Stray capacitance
between input to output
CS
VS=0, f=1MHz
Ta=25℃
(Note 4)
―
0.8
―
pF
* All typical values are VCC=5V, Ta=25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com