Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD85302L.B Datasheet(PDF) 8 Page - Texas Instruments

Part # CSD85302L.B
Description  CSD85302L 20 V Dual N-Channel NexFET™ Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD85302L.B Datasheet(HTML) 8 Page - Texas Instruments

Back Button CSD85302L.B Datasheet HTML 4Page - Texas Instruments CSD85302L.B Datasheet HTML 5Page - Texas Instruments CSD85302L.B Datasheet HTML 6Page - Texas Instruments CSD85302L.B Datasheet HTML 7Page - Texas Instruments CSD85302L.B Datasheet HTML 8Page - Texas Instruments CSD85302L.B Datasheet HTML 9Page - Texas Instruments CSD85302L.B Datasheet HTML 10Page - Texas Instruments CSD85302L.B Datasheet HTML 11Page - Texas Instruments CSD85302L.B Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
C
2X 0.74
2X
0.26
0.24
2X 0.25
2X
0.58
0.56
2X
0.42
0.40
2X 0.33
2X 0.66
0.22 MAX
2X 0.41
2X 0.41
A
1.35
1.27
B
1.35
1.27
(R
) TYP
0.08
PIN 1 INDEX AREA
SEATING PLANE
1
2
0.015
C B
A
0.015
C A
B
3
4
CSD85302L
SLPS561 – NOVEMBER 2015
www.ti.com
7 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
7.1 Package Dimensions
Pin Configuration
PIN NUMBER
NAME
1
G1
2
S2
3
G2
4
S1
Text added for spacing
1. All linear dimensions are in millimeters.
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: CSD85302L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com