Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPDV3320-R-VM-FP Datasheet(PDF) 3 Page - Coherent Corp

Part # BPDV3320-R-VM-FP
Description  70 GHz DUAL-WINDOW BALANCED PHOTODETECTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

BPDV3320-R-VM-FP Datasheet(HTML) 3 Page - Coherent Corp

  BPDV3320-R-VM-FP Datasheet HTML 1Page - Coherent Corp BPDV3320-R-VM-FP Datasheet HTML 2Page - Coherent Corp BPDV3320-R-VM-FP Datasheet HTML 3Page - Coherent Corp BPDV3320-R-VM-FP Datasheet HTML 4Page - Coherent Corp BPDV3320-R-VM-FP Datasheet HTML 5Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
70 GHz DUAL-WINDOW BALANCED PHOTODETECTOR
Environmental Specifications
Operating Conditions
Electro-Optical Specifications 1
Notes:
1. λ = 1550 nm, V
PD = ±2.8 V, T = 25 °C, POPT = -3 dBm.
2. Measured using Agilent 86030A 67 GHz Lightwave component analyzer.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Operating Case Temperature
T
case
0
75
°C
Relative Humidity
RH
Non-condensing
5
85
%
Storage Temperature
T
sto
-40
85
°C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Operating Wavelength Range
λ
1300
1330
nm
1525
1575
Average Optical Input Power Range
P
OPT
For each diode
-20
10
dBm
Photodiode Bias Voltage
V
PD1
2.0
2.8
3.3
V
V
PD2
-3.3
-2.8
-2.0
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Photodiode DC Responsivity
R
1310 nm
1550 nm optimum polarization
0.35
0.45
0.45
0.6
A/W
Imbalance of Responsivity
Imb
Imb = |10*log10(R
PD1/RPD2)|
0.15
0.5
dB
Polarization-Dependent Loss
PDL
1310 nm
1550 nm
0.6
0.4
0.9
0.8
dB
Photodiode Dark Current
I
dark
5
200
nA
Optical Return Loss
ORL
1550 nm
27
dB
3 dB Cut-off Frequency 2
f
3dB
59
69
GHz
RF Common Mode Rejection
Ratio
CMRR
CMRR = 20*log10|(S
21 – S31)/(S21 + S31)|
15
dB
Output Reflection Coefficient
S
22
0…15 GHz
-15
-10
dB
15…30 GHz
-10
-7
30…67 GHz
-2.6
-1.5
Skew
2
ps
Skew (Inter Detector Module)
RM & RQ version
10
ps



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com