Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1813PLUS Datasheet(PDF) 4 Page - Synology Inc.

Part # DS1813PLUS
Description  DiskStation DS1813
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS1813PLUS Datasheet(HTML) 4 Page - Synology Inc.

  DS1813PLUS Datasheet HTML 1Page - Synology Inc. DS1813PLUS Datasheet HTML 2Page - Synology Inc. DS1813PLUS Datasheet HTML 3Page - Synology Inc. DS1813PLUS Datasheet HTML 4Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Add-on Packages
Surveillance Station
Default IP cam #: 1, MAX IP cam # (licenses required): 20 (1 free license to install 1 IP camera.
Additional licenses can be purchased to expand the license quota.)
Directory Server
LDAP Directory Server, Backup and Restore LDAP Database
VPN Server
Maximum Connections : 20, VPN Method: PPTP, OpenVPN™
DHCP Server
Independent DHCP Server on Different Network Interfaces, Multiple Subnets Support, Address
Reservation
Syslog Server
SSL Connection, Log Rotation: 6 months, 1 year, 2 years, 3 years, Email Notification
Mail Station
Webmail Interface for Mail Server, Receiving Mails from Multiple POP3 Mailboxes, Customizable SMTP
Server
Antivirus Essential
Full System Scan, Scheduled Scan, White List Customization, Virus Definition Auto Update
Time Backup
Maximum Task Number: 8, Multiple File Versions Retained, Instant File Restoration
Cloud Station
Maximum Concurrent File Transfers: 512, Retain Historical and Deleted File Versions
DLNA®/UPnP® Media Server
DLNA compliant, PS3®/Xbox 360® supported
Download Station
Supported Download Protocols: BT/HTTP/FTP/NZB/eMule
Maximum Concurrent Download Tasks: 80
Other Packages
Photo Station, Audio Station, iTunes® Server, 3rd-party packages
General
Networking Protocols
CIFS, AFP, NFS, FTP, WebDAV, CalDAV, iSCSI, Telnet, SSH, SNMP, VPN (PPTP, OpenVPN)
File System
EXT4, EXT3 (External Disk Only), FAT (External Disk Only), NTFS (External Disk Only)
Storage Management
Max File System Size: 108 TB, Max Internal Volume #: 512, Max iSCSI Target #: 32, Max iSCSI LUN#: 256;
Raid Clone/Snapshot support; Supported RAID Type: Synology Hybrid RAID, Basic, JBOD, RAID 0, RAID 1,
RAID 5, RAID 6, RAID 10; Synology Expansion Unit Support : DX513, DX213
File Sharing Capability
Max User Account: 2048, Max Group: 256, Max Shared Folder: 256, Max Concurrent CIFS/AFP/FTP
Connections: 512
Privilege
Windows Access Control List (ACL)
Directory Service
Windows AD Domain Integration, LDAP Integration
Virtualization
VMware vSphere 4, Microsoft Hyper-V, Citrix Ready
Security
FTP over SSL/TLS, IP Auto-Block, Firewall, Encrypted Network Backup over Rsync, HTTPS Connection
Utilities
Synology Assistant, Synology Data Replicator
Supported Clients
Windows XP onward, Mac OS X 10.5 onward, Ubuntu 9.04 onward
Supported Browsers
Chrome, Internet Explorer®: 8 onwards, Firefox®, Safari®
Language
English, Deutsch, Français, Italiano, Español, Dansk, Norsk, Svensk, Nederlands,
, Polski, Magyar,
Português do Brasil, Português Europeu, Türkçe, Český,
Environment and Packaging
Environment
RoHS Compliant
Package Content
DS1813+ Main Unit, Welcome Note, Assembling Kit, AC Power Cord, RJ-45 LAN Cable X2
Optional Accessories
Remote, Camera License Pack, Expansion Unit (DX513, DX213)
Warranty
3 years
*Model specifications are subject to change without notice. Please refer to www.synology.com for the latest information.
1.Performance figures could vary on different environments.
2.DS1813+ supports up to two Synology DX513/DX213, sold separately.
3.Fully loaded with Seagate® ST31000520AS hard drive(s) in operation; Two G.R.A.S. Type 40AE microphones, each set up at 1 meter away from the DiskStation front and rear;
Background noise: 17.1 dB(A); Temperature: 24.2˚C; Humidity: 63; More details about dB(A) value, check http://www.memtechacoustical.com/facts.asp
4.Power consumption is measured when fully loaded with Western Digital® 2TB WD2002FYPS hard drive(s).
SYNOLOGY INC.
Synology is dedicated to taking full advantage of the latest technologies to bring businesses and home users reliable and affordable ways to centralize data storage, simplify data
backup, share and sync files across different platforms, and access data on-the-go. Synology aims to deliver products with forward-thinking features and the best in class customer
services.
Copyright © 2013, Synology Inc. All rights reserved. Synology, the Synology logo are trademarks or registered trademarks of Synology Inc. Other product and company names
mentioned herein may be trademarks of their respective companies. Synology may make changes to specification and product descriptions at anytime, without notice. Printed in
Taiwan.
DS1813+-2013-ENU-REV003
Headquarters
Synology Inc.
3F-3, No. 106, Chang An W. Rd.,
Taipei, Taiwan
Tel: +886 2 2552 1814
Fax: +886 2 2552 1824
UK
Synology UK Ltd.
Etheridge Avenue, Brinklow,
Milton Keynes, MK10 0BP, UK
Tel: +44 1908 587422
Germany
Synology GmbH
Grafenberger Allee 125
40237 Düsseldorf
Deutschland
Tel: +49 211 9666 9666
North & South America
Synology America Corp.
13343 NE Bel-Red Road,
Bellevue, WA 98005, USA
Tel: +1 425 818 1587
France
9 rue Benoît Malon,
92150 Suresnes,
France
Tel: +33 1 46 14 87 73



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com