Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARTJ1100 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ARTJ1100
Description  RP-TNC Straight Jack Crimp for RG316/U, RG174/U, RG188A/U, 100-Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ARTJ1100 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ARTJ1100 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.841
21.4
.19
4.8
16.5
.65
.33
8.5
CABLE FERRULE
7/16-28UNEF-2A
CENTER PIN
PROJECTION
PRODUCT DESCRIPTION
COLOR VARIATIONS
ARTJ-1100
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
MAY VARY
CATEGORY
43321
D
ECN 6534: CHANGE SMALL CRIMP SIZE .128 TO .151
11/19/12
B.PUCHASKI
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
4
UNDIMENSIONED FEATURES
MAY OCCUR
A
B
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
D.FRISIELLO
5
6
7
8
D
ARTJ-1100.SLDDRW
11
REVISIONS
DIMENSIONS ARE IN INCHES [mm]
DESCRIPTION
APPROVED
REV
DATE
02/26/10
A
B
INITIAL RELEASE
ECN 5802: CHANGED VALUES TO 0 ~ 4 GHz
11/2/11
B.PUCHASKI
C
ECN 6355: ADDED .128" CRIMP SIZE FOR SMALLER END OF STEP FERRULE
8/21/12
FSCM NO.
3
NORTH ANDOVER, MA
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
D. DESJARDIN
UNLESS OTHERWISE SPECIFIED,
NONE
DIMENSIONAL TOLERANCES:
.X = ±.1
.XX = ±.01
.XXX = ±.005
ANGULAR TOLERANCES:
ALL = ± 1°
RoHS Compliant 
02/26/10
COAXIAL
CABLE FERRULE
(SMALLER END)
CABLE RETENTION: > 30 POUNDS
CRIMP SIZE
RP-TNC Straight Jack Crimp
ACCORDANCE WITH L-COM SPECIFICATIONS PS-0031.
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
RECOMMENDED
RECOMMENDED
M.Audas
CRIMP SIZE
WITHSTAND VOLTAGE: 1500V
DURABILITY: >
1.50 @ 0~4 GHz
500 CYCLE
D
(LARGER END)
NOTES:
FREQUENCY RANGE: 0~4 GHz
IMPEDANCE: 50 OHMS
CRIMP SIZE
<
VSWR:
MISCELLANEOUS:
ELECTRICAL:
M.Audas
RECOMMENDED
02/26/10
STRIPPING
for RG316/U, RG174/U, RG188A/U, 100-Series
CABLE FERRULE
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
RECOMMENDED CABLE
CENTER PIN
02/26/10
B.Puchaski
DESCRIPTION
MATERIAL
FINISH
CENTER CONTACTS
BRASS
GOLD
OUTER CONTACT
BRASS
NICKEL
LOCK RING
BRASS
NICKEL
CRIMP FERRULE
BRASS
NICKEL
SPACER
TEFLON
---
INSULATOR
TEFLON
---
SPACER
BRASS
NICKEL


Similar Part No. - ARTJ1100

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ARTJ1404 L-COM-ARTJ1404 Datasheet
48Kb / 1P
CON,RP-TNC JACK CRIMP LMR400
11/11/09
ARTJ1708 L-COM-ARTJ1708 Datasheet
64Kb / 1P
REVERSED POLARIZED TNC JACK
09/03/2010
More results

Similar Description - ARTJ1100

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73070 POMONA-73070 Datasheet
157Kb / 2P
SMA Plug to SMA Bulkhead Jack, RG316/U, RG58C/U
logo
Amphenol Corporation
031-2367-RFX AMPHENOL-031-2367-RFX Datasheet
79Kb / 1P
TNC CRIMP PLUG FOR RG-55/U, 142A/U, 400/U, 223/U
logo
Pasternack Enterprises,...
PE4690 PASTERNACK-PE4690 Datasheet
314Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG316, RG174, RG188
logo
Amphenol Corporation
C031-70331 AMPHENOL-C031-70331 Datasheet
43Kb / 1P
MINI BNC CRIMP JACK (FOR RG-316/U, 174/U, 188A/U CABLE)
logo
Pasternack Enterprises,...
PE44899 PASTERNACK-PE44899 Datasheet
427Kb / 3P
TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG316/U, RG174A - U, RG188 IP 67 Rated
PE44900 PASTERNACK-PE44900 Datasheet
399Kb / 3P
TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG316 - U, RG174A - U, RG188, LMR-100 IP 67 Rated
PE44902 PASTERNACK-PE44902 Datasheet
401Kb / 3P
RP TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG316 - U, RG174, LMR-100 IP 67 Rated
PE44903 PASTERNACK-PE44903 Datasheet
413Kb / 3P
RP TNC Female Bulkhead Mount Connector Crimp - Solder Attachment for RG316 - U, RG174, LMR-100 IP 67 Rated
logo
Amphenol RF.
172132-BC RF-172132-BC Datasheet
150Kb / 1P
TYPE N BULKHEAD CRIMP JACK RG-55/U, 142/U, 223/U, 400/U BLACK PLATED
Rev. A
112234-13 RF-112234-13 Datasheet
73Kb / 1P
BNC BULKHEAD CRIMP JACK (FOR RG-174/U,188A/U,316/U)
07/14/10
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com