Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARTJ1708 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ARTJ1708
Description  REVERSED POLARIZED TNC JACK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ARTJ1708 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ARTJ1708 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
K.BURGNER
.20
5.0
.06
1.6
.31
8.0
.213
5.41
.256
6.5
.49
12.4
.122
3.1
.193
4.9
.43
11.0
.27
6.8
.30
7.5
.47
12.0
.217
5.5
.041±.002
1.05±0.05
.47
12.0
CONNECTOR BODY
CONTACT
(SOLDER OR
CRIMP .068" [1.72])
FERRULE
RECOMMENDED
FERRULE CRIMP SIZE
E
RECOMMENDED
CABLE STRIPPING
NOTES:
ELECTRICAL:
IMPEDANCE: 50 OHMS
FREQUENCY RANGE: 0 ~ 4 GHz
VOLTAGE RATING: 500 VOLTS PEAK.
DIELECTRIC WITHSTANDING VOLTAGE: 1500 VOLTS RMS.
CABLE RETENTION: 30 LBS PULL
APPLICATION: 195-SERIES, RG58
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
DESCRIPTION
MATERIAL
FINISH
CONNECTOR BODY
BRASS
NICKEL PLATE
CONTACT
BRASS
GOLD PLATE
DIELECTRIC
PTFE
-
FERRULE
BRASS
NICKEL PLATE
A
B
C
D
SCALE:
SIZE
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
ARTJ-1708
E
1
1
K.BURGNER
09/03/2010
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
09/03/2010
09/03/2010
B
C
ECN 5012: REMODELED, REDRAWN AND NEW FORMAT
ECN 5802: CHANGED FREQUENCY RANGE TO 0 ~ 4GHz
10/31/2011
D.FRISIELLO
D.FRISIELLO
D
ECN 8213: UPDATE KNURL STYLE FROM STRAIGHT TO DIAMOND
12/16/2015 S.LI
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
E
ECN 11866: UPDATE MODELS AND DIM'S
06/07/2022 SRAUTUS
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
CAGE CODE
REVERSED POLARIZED TNC JACK
COAXIAL
UNLESS OTHERWISE SPECIFIED,
DFRISIELLO
COLOR VARIATIONS
MAY OCCUR
09/03/2010
T-Rev.D
THIRD-ANGLE PROJECTION
50 High Street, West Mill,
North Andover, MA 01845 USA.
Phone: 1.800.341.5266
1.978.682.6936
43321
CAD FILE: ARTJ-1708.SLDDRW
DIMENSIONAL TOLERANCES:
..X = ±.1 [2.54]
.XX = ±.01 [.25]
.XXX = ±.005 [.13]
ANGULAR TOLERANCES:
ALL = ± 1°


Similar Part No. - ARTJ1708

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ARTJ1100 L-COM-ARTJ1100 Datasheet
32Kb / 1P
RP-TNC Straight Jack Crimp for RG316/U, RG174/U, RG188A/U, 100-Series
02/26/10
ARTJ1404 L-COM-ARTJ1404 Datasheet
48Kb / 1P
CON,RP-TNC JACK CRIMP LMR400
11/11/09
More results

Similar Description - ARTJ1708

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD121-46-9 WINCHESTER-SD121-46-9 Datasheet
100Kb / 1P
JACK PANEL TNC
SD123-22-5 WINCHESTER-SD123-22-5 Datasheet
56Kb / 1P
JACK TNC
SDKA-19-156 WINCHESTER-SDKA-19-156 Datasheet
58Kb / 1P
JACK, PANEL, TNC
SDKA-39-76 WINCHESTER-SDKA-39-76 Datasheet
51Kb / 1P
JACK, TNC
SDKA-39-79 WINCHESTER-SDKA-39-79 Datasheet
52Kb / 1P
JACK, TNC
SDKA-39-82 WINCHESTER-SDKA-39-82 Datasheet
54Kb / 1P
JACK, TNC
SDKA-39-100-M06 WINCHESTER-SDKA-39-100-M06 Datasheet
48Kb / 1P
TNC JACK
SDKC-19-328-M06 WINCHESTER-SDKC-19-328-M06 Datasheet
36Kb / 1P
JACK, PANEL, TNC
KA-59-220 WINCHESTER-KA-59-220 Datasheet
53Kb / 1P
PLUG, POLARIZED, TNC
KC-39-134M07 WINCHESTER-KC-39-134M07 Datasheet
52Kb / 1P
JACK, POLARIZED, BNC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com