Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM330 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # SCM330
Description  SMARC Module with Intel® Core™/Pentium®/Celeron® or Intel Atom® Processors x7000 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

SCM330 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  SCM330 Datasheet HTML 1Page - Axiomtek Co., Ltd. SCM330 Datasheet HTML 2Page - Axiomtek Co., Ltd. SCM330 Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ordering Information
Standard
SCM330-i3N305
(P/N: TBD)
SMARC R2.1.1 i3N305 with 16GB RAM, 1 HDMI, 1 HDMI/DisplayPort, 1 LVDS, 64GB eMMC, and two 2.5GbE LAN
SCM330-N97
(P/N: TBD)
SMARC R2.1.1 N97 with 8GB RAM, 1 HDMI, 1 HDMI/DisplayPort, 1 LVDS, 32GB eMMC, and two 2.5GbE LAN
SCM330-x7835RE
(P/N: TBD)
SMARC R2.1.1 x7835RE with 16GB RAM, 1 HDMI, 1 HDMI/DisplayPort, 1 LVDS, 64GB eMMC, and two 2.5GbE LAN
SCM330-x7211RE
(P/N: TBD)
SMARC R2.1.1 x7211RE with 8GB RAM, 1 HDMI, 1 HDMI/DisplayPort, 1 LVDS, 32GB eMMC, and two 2.5GbE LAN
Optional
TBD
SCM330 heat spreader
TBD
SCM330 heat sink without fan
TBD
SCM330 heat sink with fan
Packing List
Quick installation guide
I/O
SATA
1 x SATA Gen3
Hardware Monitoring
Yes
Ethernet
2 x 10/100/1000/2500 Mbps Ethernet with Intel® I226 with support for Wake-on-LAN and PXE Boot ROM
Audio
HDA link interface to baseboard for codec
USB
2 x USB 3.2 Gen1
6 x USB 2.0
Serial
4 x UART
1 x SPI
1 x GSPI (optional 1 x eSPI)
TPM
fTPM
SMBus
Yes
Others
2 x I
2C
2 x CANbus
GPIO
7-CH in and 7-CH out (shared with Fan & HDA)
Smart Battery
Yes
Mechanical and Environmental
Dimensions
82 x 50 mm
Board Thickness
1.2 mm
Operating Temperature Industrial: -40°C to +85°C (-40°F to +185°F) with a system thermal solution
Standard: 0°C to +60°C (32°F to +140°F) with operation
Humidity
10% to 95% relative humidity, non-condensing
Vibration Endurance
3.5 Grms
Specifications
www.axiomtek.com
x86-based Embedded Boards



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com