Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSA 600-R Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # GSA 600-R
Description  Slow Blow Fuse Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

GSA 600-R Datasheet(HTML) 2 Page - Bel Fuse Inc.

  GSA 600-R Datasheet HTML 1Page - Bel Fuse Inc. GSA 600-R Datasheet HTML 2Page - Bel Fuse Inc. GSA 600-R Datasheet HTML 3Page - Bel Fuse Inc. GSA 600-R Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type GSA
2 / 4
Bel Fuse Inc.
300 Executive Drive, Suite 300,
West Orange, NJ 07052 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2025 Bel Fuse, Inc.
Rev. GSA Feb2025
Environmental Specifications
Shock Resistance
MIL-STD-202G, Method 213B, Test Condition 1
(100 G's peak for 6 milliseconds; Sawtooth waveform)
Vibration Resistance
MIL-STD-202G, Method 201A (10-55 Hz, 0.06 inch, total excursion).
Salt Spray Resistance
MIL-STD-202G, Method 101E, Test Condition B (48 hrs.).
Insulation Resistance
MIL-STD-202G, Method 302, Test Condition A
(After Opening) 10,000 ohms minimum.
Solderability
MIL-STD-202G, Method 208H
Resistance to solder Heat
MIL-STD-202G, Method 210F, Test Condition B. (260+/-5
℃,10+/-1 sec)
Thermal Shock
MIL-STD-202G, Method 107G, Test Condition B(-65
℃ to +125℃).
Operating Temperature
-55
℃ to +125℃
Terminal Strength
IEC-68-2-21
Electrical Specifications
Consult manufacturer for other ratings
Catalog
Number
Ampere
Rating
Typical Cold
Resistance
(ohms)
Volt-drop
@100%In
(Volt) max.
Voltage and
Interrupting
Ratings
Melting I²T
<10 mSec
(A²Sec)
Melting I²T
@10 In
(A²Sec)
Maximum
Power
Dissipation
(W)
Agency Approvals
GSA 500-R
500mA
1.38
1.07
See Table of
Safety Approvals on
Page 1 for Voltage
and associated
Interrupting Ratings
4.4
5.4
0.78
Y
Y
GSA 600-R
600mA
1.05
0.98
6.9
8.5
0.82
Y
Y
GSA 700-R
700mA
0.648
0.69
8.5
11
0.84
Y
Y
GSA 750-R
750mA
0.642
0.68
10
12
0.85
Y
Y
GSA 1-R
1A
0.374
0.59
16
21
0.91
Y
Y
GSA 1.25-R
1.25A
0.248
0.43
25
32
0.96
Y
Y
GSA 1.6-R
1.6A
0.155
0.38
39
50
1.01
Y
Y
GSA 2-R
2A
0.115
0.36
61
79
1.06
Y
Y
GSA 2.5-R
2.5A
0.079
0.29
94
123
1.12
Y
Y
GSA 3-R
3A
0.058
0.27
146
192
1.18
Y
Y
GSA 4-R
4A
0.039
0.23
226
300
1.24
Y
Y
GSA 5-R
5A
0.029
0.22
349
469
1.31
Y
Y
GSA 6-R
6A
0.018
0.19
286
455
1.61
Y
Y
GSA 7-R
7A
0.016
0.18
372
592
1.81
Y
Y
GSA 8-R
8A
0.013
0.17
483
769
1.95
Y
Y
GSA 10-R
10A
0.010
0.17
817
1300
2.26
Y
Y
GSA 12-R
12A
0.008
0.15
1277
2031
2.56
Y
Y
GSA 15-R
15A
0.006
0.15
2123
3377
2.96
Y
Y
Specifications subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com