Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSA 1-R Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # GSA 1-R
Description  Slow Blow Fuse Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

GSA 1-R Datasheet(HTML) 1 Page - Bel Fuse Inc.

  GSA 1-R Datasheet HTML 1Page - Bel Fuse Inc. GSA 1-R Datasheet HTML 2Page - Bel Fuse Inc. GSA 1-R Datasheet HTML 3Page - Bel Fuse Inc. GSA 1-R Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Type GSA
Slow Blow Fuse Series
belfuse.com/circuit-protection
GSA Series, 6x32mm Ceramic Tube Slow Blow Fuse
RoHS Compliant
Description
6x32mm Slow Blow, ceramic tube body cartridge fuse designed, approved and
complied with UL and CSA standard 248-14.
Features
- Meet UL and CSA standard 248-14
- Wide operating temperature range
- Bulk packing available
- Full compliance with EU Directive 2011/65/EU and amending directive 2015/863
- Halogen Free
- Lead Free
Applications
Provide individual protection for components or internal circuits.
- Power supplies
- Battery charger
- Monitor
LEAD FREE =
- Adapter
HALOGEN FREE =
Physical Specifications
Electrical Characteristics (UL/CSA STD.248-14)
Safety Agency Approvals
Materials
Body : Ceramic
Cap : Nickel Plated Brass Caps
Leads : Matte Tin Plated Copper
Marking
On Fuse :
“bel”, ”GSA”, ”Current Rating”, “Voltage Rating”,
”Appropriate Safety Logos”, ”  ”( RoHS compliant)
On Label :
"bel", "GSA
”, "Current Rating", "Voltage Rating", "Interrupting Rating",
"Appropriate Safety Logos" and "
", "
"(China RoHS compliant).
Safety
Agency
Safety Agency
Certificate
Ampere Rating/
Voltage Rating
Ampere Range / Volt
@ I.R. ability*
E506667
LR39772
500mA-15A/
250V AC
500mA-8A/125V AC@10,000A
500mA-1A/250V AC@35A
>1A-3.5A/250V AC@100A
>3.5A-8A/250V AC@200A
10A-15A/125V AC@10,000A
10A-15A/250V AC@750A
*I.R.= Interrupting Rating = Short Circuit Rating(Amps)
Testing Current
Blow Time
Minimum
Maximum
100%
4 hrs.
N/A
135%
N/A
1 Hr.
200%
5 sec
30 sec
Specifications subject to change without notice


Similar Part No. - GSA 1-R

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
GSA BEL-GSA Datasheet
429Kb / 2P
Slow Blow Fuse Series
GSA BEL-GSA Datasheet
1Mb / 4P
Slow Blow Fuse Series
logo
HuaXinAn Electronics CO...
GSA HUAXINAN-GSA Datasheet
160Kb / 2P
Surge Absorbers
logo
Bel Fuse Inc.
GSA BEL-GSA Datasheet
1Mb / 4P
SLOW BLOW FUSE SERIES
logo
GOOD SKY ELECTRIC CO., ...
GSA GOODSKY-GSA Datasheet
362Kb / 2P
General Purpose Relay
More results

Similar Description - GSA 1-R

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
GSA63 BEL-GSA63 Datasheet
90Kb / 2P
Slow Blow Fuse Series
3SB BEL-3SB Datasheet
104Kb / 2P
Slow Blow Fuse Series
5TT BEL-5TT Datasheet
96Kb / 2P
Slow Blow Fuse Series
0602-0061-33 BEL-0602-0061-33 Datasheet
93Kb / 2P
Slow Blow Fuse Series
0606-0062-33 BEL-0606-0062-33 Datasheet
91Kb / 2P
Slow Blow Fuse Series
3SB BEL-3SB_13 Datasheet
1Mb / 4P
Slow Blow Fuse Series
5TT BEL-5TT_13 Datasheet
1Mb / 4P
Slow Blow Fuse Series
GSA BEL-GSA_13 Datasheet
1Mb / 4P
Slow Blow Fuse Series
5TT BEL-5TT_16 Datasheet
1Mb / 4P
SLOW BLOW FUSE SERIES
GSA BEL-GSA_17 Datasheet
1Mb / 4P
SLOW BLOW FUSE SERIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com