Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3498 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3498
Description  20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3498 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3498 Datasheet HTML 9Page - Linear Technology LT3498 Datasheet HTML 10Page - Linear Technology LT3498 Datasheet HTML 11Page - Linear Technology LT3498 Datasheet HTML 12Page - Linear Technology LT3498 Datasheet HTML 13Page - Linear Technology LT3498 Datasheet HTML 14Page - Linear Technology LT3498 Datasheet HTML 15Page - Linear Technology LT3498 Datasheet HTML 16Page - Linear Technology LT3498 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT3498
13
3498f
The time it takes for the LED current to reach its pro-
grammed value sets the achievable dimming range for a
given PWM frequency. For example, the settling time of
the LED current in Figure 6 is approximately 40µs for a
3V input voltage. The achievable dimming range for this
application and 100Hz PWM frequency can be determined
using the following method.
Example:
fHz t
s
t
f
s
Di
SETTLE
PERIOD
==
==
=
100
40
11
100
001
,
.
µ
m
m Range
t
t
s
s
Min Du
PERIOD
SETTLE
==
=
001
40
250 1
.
:
µ
tty Cycle
t
t
s
s
SETTLE
PERIOD
=
==
•
.
•
100
40
001
100
0
µ
.. %
%. %
4
100
0 4
100
Duty Cycle Range
at
Hz
=→
The calculations show that for a 100Hz signal the dimming
range is 250:1. In addition, the minimum PWM duty cycle
of 0.4% ensures that the LED current has enough time to
settle to its final value. Figure 8 shows the dimming range
achievable for three different frequencies with a settling
time of 40µs.
The dimming range can be further extended by changing
the amplitude of the PWM signal. The height of the PWM
signal sets the commanded sense voltage across the sense
resistor through the CTRL1 pin. In this manner both analog
dimming and direct PWM dimming extend the dimming
range for a given application. The color of the LEDs no
longer remains constant because the forward current of
the LED changes with the height of the CTRL1 signal. For
the four LED application described above, the LEDs can
be dimmed first, modulating the duty cycle of the PWM
signal. Once the minimum duty cycle is reached, the height
of the PWM signal can be decreased below 1.5V down to
125mV. The use of both techniques together allows the
average LED current for the four LED application to be
varied from 20mA down to less than 20µA. Figure 9 shows
the application for dimming using both analog dimming
and PWM dimming. A potentiometer must be added to
ensure that the gate of the NMOS receives a logic-level
signal, while the CTRL1 signal can be adjusted to lower
amplitudes.
Figure 8. Dimming Ratio vs Freqeuncy
APPLICATIONS INFORMATION— LED DRIVER
PWM FREQUENCY (Hz)
10
100
1000
10000
100
1000
10000
3498 F08
1
10
PULSING MAY BE VISIBLE
Figure 9. Li-Ion to Four White LEDs with
Both PWM Dimming and Analog Dimming
CAP1 SW1
CAP2 VOUT2
VIN
LT3498
GND1
GND2
SW2
CIN
1
µH
RSENSE1
10
Ω
Q1
Si2304BDS
3498 F09
COUT1
1
µF
VIN 3V TO 5V
L1
15
µH
LED1
CTRL1
CTRL2
FB2
100k
0V
PWM
FREQ
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com