Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1932 Datasheet(PDF) 21 Page - Linear Technology

Part # LT1932
Description  20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1932 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT1932 Datasheet HTML 16Page - Linear Technology LT1932 Datasheet HTML 17Page - Linear Technology LT1932 Datasheet HTML 18Page - Linear Technology LT1932 Datasheet HTML 19Page - Linear Technology LT1932 Datasheet HTML 20Page - Linear Technology LT1932 Datasheet HTML 21Page - Linear Technology LT1932 Datasheet HTML 22Page - Linear Technology LT1932 Datasheet HTML 23Page - Linear Technology LT1932 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT3498
21
3498f
Li-Ion to Four White LEDs and OLED/LCD Bias
TYPICAL APPLICATIONS
SHUTDOWN
AND
DIMMING
CONTROL
SHUTDOWN
AND
CONTROL
VIN
C2
0.47
µF
16V
24mA
20mA
L2
10
µH
L1
15
µH
VIN = 3V TO 5V
VOUT2
RFB2
2.21M
Ω
3498 TA05
LT3498
SW1
CAP1
SW2
CAP2
FB2
CTRL1
LED1
CTRL2
GND2
GND1
C3
10
µF
ON
OFF
ON
OFF
RSENSE1
10
Ω
CIN
4.7
µF
CIN, C2: X5R OR X7R WITH SUFFICIENT VOLTAGE RATING
C1: TAIYO YUDEN GMK212BJ105KG
C3: TAIYO YUDEN TMK316BJ106ML
L1: MURATA LQH32CN150K53
L2: MURATA LQH32CN100K53
C1
1
µF
LED Efficiency
VIN = 3.6V, 4 LEDs
LED CURRENT (mA)
0
65
70
80
15
60
55
510
20
50
75
3498 TA05b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com