Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIL3 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # SIL3
Description  INCREMENTAL ENCODERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

SIL3 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  SIL3 Datasheet HTML 1Page - Sensata Technologies, Inc. SIL3 Datasheet HTML 2Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specification No.:02192-001 Rev.C 03/08/18
Americas
+1 (800) 350 2727
sensors@sensata.com
Europe, Middle East & Africa
+33 (3) 88 20 8080
position-info.eu@sensata.com
Asia Pacific
sales.isasia@list.sensata.com
China +86 (21) 2306 1500
Japan +81 (45) 277 7117
Korea +82 (31) 601 2004
India +91 (80) 67920890
Rest of Asia +886 (2) 27602006
ext 2808
Page 2
www.sensata.com
CONTACT US
Copyright © 2018 Sensata Technologies, Inc.
Sensata Technologies, Inc. (“Sensata”) data sheets are solely intended to assist designers (“Buyers”) who are developing systems that
incorporate Sensata products (also referred to herein as “components”). Buyer understands and agrees that Buyer remains responsible
for using its independent analysis, evaluation and judgment in designing Buyer’s systems and products. Sensata data sheets have
been created using standard laboratory conditions and engineering practices. Sensata has not conducted any testing other than that
specifically described in the published documentation for a particular data sheet. Sensata may make corrections, enhancements,
improvements and other changes to its data sheets or components without notice.
Buyers are authorized to use Sensata data sheets with the Sensata component(s) identified in each particular data sheet. HOWEVER, NO
OTHER LICENSE, EXPRESS OR IMPLIED, BY ESTOPPEL OR OTHERWISE TO ANY OTHER SENSATA INTELLECTUAL PROPERTY RIGHT, AND
NO LICENSE TO ANY THIRD PARTY TECHNOLOGY OR INTELLECTUAL PROPERTY RIGHT, IS GRANTED HEREIN. SENSATA DATA SHEETS
ARE PROVIDED “AS IS”. SENSATA MAKES NO WARRANTIES OR REPRESENTATIONS WITH REGARD TO THE DATA SHEETS OR USE
OF THE DATA SHEETS, EXPRESS, IMPLIED OR STATUTORY, INCLUDING ACCURACY OR COMPLETENESS. SENSATA DISCLAIMS
ANY WARRANTY OF TITLE AND ANY IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, QUIET
ENJOYMENT, QUIET POSSESSION, AND NON-INFRINGEMENT OF ANY THIRD PARTY INTELLECTUAL PROPERTY RIGHTS WITH REGARD
TO SENSATA DATA SHEETS OR USE THEREOF.
All products are sold subject to Sensata’s terms and conditions of sale supplied at www.sensata.com SENSATA ASSUMES NO LIABILITY
FOR APPLICATIONS ASSISTANCE OR THE DESIGN OF BUYERS’ PRODUCTS. BUYER ACKNOWLEDGES AND AGREES THAT IT IS SOLELY
RESPONSIBLE FOR COMPLIANCE WITH ALL LEGAL, REGULATORY AND SAFETY-RELATED REQUIREMENTS CONCERNING ITS PRODUCTS,
AND ANY USE OF SENSATA COMPONENTS IN ITS APPLICATIONS, NOTWITHSTANDING ANY APPLICATIONS-RELATED INFORMATION
OR SUPPORT THAT MAY BE PROVIDED BY SENSATA.
Mailing Address: Sensata Technologies, Inc., 529 Pleasant Street, Attleboro, MA 02703, USA.
DSM5
DSM9
When mounting the encoder on a mechanical frame (bell, bracket...):
Use at least 3 M3 or 3 M4 screws for a safe assembly.
Minimal screwing depth 5mm for M3 and 6mm for M4.
Use at least 3 M6 screws for a safe assembly.
Minimal screw depth is 10mm.
Before mounting on the driving shaft, check the shaft alignment to avoid compressing or extending the coupling device.
Encoder’s solid shafts are machined with a key slot. Use a keyed coupling to secure the rotation transmission.
Tighten with the recommended torque from the coupling manufacturer.
GENERAL ELECTRICAL PRECAUTIONS
Electrical Operating Area (with BEI Sensors cables)
5V+/-5% Safe Power Supply
11-30V Power Supply
2WTN
2G29
5WTN
5G29
5G59
Up to 100m cable.
Up to 100m cable.
With cables lengths
longer than 20m, a
“GP” cable/wiring
type is recommended
in conjunction with a
power supply having
voltage sensing
feedback.
Up to 100m cable.
Up to 100m cable
with frequency
restrictions.
Consult the “Safety
User Manual” for
detailed information.
ELECTRICAL MOUNTING PROCEDURE
Verify that all electrical devices are switched off before starting the installation and that you have
the mandatory power supply.
Check that you have all the necessary information on wiring connections: refer to the encoder
sticker for pin out and/or wire color signal correspondence.
Ensure the electrical connection is in accordance with the standard recommendations governing the
use of cables/connectors.
To avoid possible non valid signal detection during the encoder initialization time, the operating power
supply voltage of the encoder and of the controller should be switched on and off simultaneously.
• Respect the cable bending radius.
• Protect the cables to avoid a cut or damage during operation.
• Always provide a service loop between encoder and the first
cable clamp to avoid cable tension.
• Never operate with a cable which is totally or partially coiled.
• Never connect outputs together or to a potential.
• In case signals Z and Z/ are not used in the application, connect each of them
with 3kohms pull down resistors to 0V.
• Never use the same cable for driving power (motor power supply, variable
frequency drive, etc.) and encoder signals.
• Separate encoder cables and potentially interfering signal cables with a metal
screen grounded and do not let them run parallel.
• If a metallic connector is assembled by the user on the encoder cable, ensure
a 360° shield contact on that connector.
• When using a shielded pair cable, always connect signals of the same
channel to the same twisted pair: A with A/, B with B/ and Z with Z/.
• Ensure that encoder’s body and cable shield extremity are both connected to
same potential grounds.
• Do not cut nor leave the ground plant unconnected.
• In the cabinet, connect the encoder cable surrounding screen to the ground
plant if available, otherwise to the 0V.
• To avoid destructive electrostatic discharging shaft phenomena, always
ground the encoder housing.
Cable bending radius
Cable type
In static use
In dynamic use
G3
30mm
Not recommended
TE
60mm
60mm
GP
30mm
90mm
Recommended wires sections
Greater than
0.22mm² for power
supply lines
Lower than
0.22mm² for
signals lines
Made in France
BEI Sensors SAS
Espace Européen de l’Entreprise
9, rue de Copenhague
B.P. 70044 Schiltigheim
F 67013 Strasbourg Cedex
Tél
Fax
Mail
Web
: +33 (0)3 88 20 80 80
: +33 (0)3 88 20 87 87
: info@beisensors.com
: www.beisensors.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com