Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3725 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2N3725
Description  HIGH VOLTAGE, HIGH CURRENT SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N3725 Datasheet(HTML) 1 Page - STMicroelectronics

  2N3725 Datasheet HTML 1Page - STMicroelectronics 2N3725 Datasheet HTML 2Page - STMicroelectronics 2N3725 Datasheet HTML 3Page - STMicroelectronics 2N3725 Datasheet HTML 4Page - STMicroelectronics 2N3725 Datasheet HTML 5Page - STMicroelectronics 2N3725 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2N3725
January 1989
HIGH VOLTAGE, HIGH CURRENT SWITCH
The 2N3725 is a silicon planar epitaxial transistor
in TO-39 metal case It is a high-voltage, high current
switch used for memory applications requiring
breakdown voltages up to 50 V and operating cur-
rents to 1 A. Fast switching times are assured be-
cause of the high minimum fT (300 MHz) and tight
control on storage time.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Unit
VCBO
Collector-base Voltage (IE =0)
80
V
VCES
Collector-emitter Voltage (V BE =0)
80
V
VCEO
Collector-emitter Voltage (IB =0)
50
V
VEBO
Emitter-base Voltage (I C =0)
6
V
I C
Collector Current
1
A
Pto t
Total Power Dissipation at T amb ≤ 25 °C
at T cas e
≤ 25 °C
0.8
3.5
W
W
Tstg,Tj
Storage and Junction Temperature
– 65 to 200
°C
DESCRIPTION
TO-39
INTERNAL SCHEMATIC DIAGRAM
1/6


Similar Part No. - 2N3725

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N3725 SEME-LAB-2N3725 Datasheet
28Kb / 2P
HIGH VOLTAGE, HIGH CURRENT, HIGH SPEED, NPN SWITCHING
logo
Central Semiconductor C...
2N3725 CENTRAL-2N3725 Datasheet
497Kb / 2P
NPN SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N3725 NJSEMI-2N3725 Datasheet
1Mb / 2P
HIGH SPEED NPN SILICON PLANAR EPITAXIAL
logo
Central Semiconductor C...
2N3725 CENTRAL-2N3725 Datasheet
497Kb / 2P
NPN SILICON TRANSISTOR
2N3725 CENTRAL-2N3725 Datasheet
686Kb / 6P
NPN - General Purpose Transistor Die
R0 6-June 2016
More results

Similar Description - 2N3725

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2308 NTE-NTE2308 Datasheet
22Kb / 2P
Silicon NPN Transistor High Voltage, High Current Switch
NTE2309 NTE-NTE2309 Datasheet
22Kb / 2P
Silicon NPN Transistor High Voltage, High Current Switch
NTE2538 NTE-NTE2538 Datasheet
23Kb / 2P
Silicon NPN Transistor High Voltage, High Current Switch
NTE2580 NTE-NTE2580 Datasheet
22Kb / 2P
Silicon NPN Transistor High Voltage, High Current Switch
NTE2594 NTE-NTE2594 Datasheet
20Kb / 2P
Silicon NPN Transistor High Voltage, High Current Switch
NTE2596 NTE-NTE2596 Datasheet
23Kb / 2P
Silicon NPN Transistor High Voltage, High Current Switch
NTE2598 NTE-NTE2598 Datasheet
24Kb / 2P
Silicon NPN Transistor High Voltage, High Current Switch
logo
STMicroelectronics
2N4014 STMICROELECTRONICS-2N4014 Datasheet
78Kb / 6P
HIGH-VOLTAGE, HIGH CURRENT SWITCH
Oct-1988
logo
Texas Instruments
OPA544 TI1-OPA544_13 Datasheet
180Kb / 11P
High-Voltage, High-Current High-Voltage, High-Current
logo
Jingjing Microelectroni...
EG1186 EGMICRO-EG1186 Datasheet
839Kb / 13P
High Voltage Large Current Decompressor SWITCH Unit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com