Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1865L Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1865L
Description  Easy-to-Use, Ultra-Tiny 16-Bit ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1865L Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1865L Datasheet HTML 7Page - Linear Technology LTC1865L Datasheet HTML 8Page - Linear Technology LTC1865L Datasheet HTML 9Page - Linear Technology LTC1865L Datasheet HTML 10Page - Linear Technology LTC1865L Datasheet HTML 11Page - Linear Technology LTC1865L Datasheet HTML 12Page - Linear Technology LTC1865L Datasheet HTML 13Page - Linear Technology LTC1865L Datasheet HTML 14Page - Linear Technology LTC1865L Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC2450-1
11
24501fb
Examples of Aborting Cycle using CS
For some applications the user may wish to abort the I/O
cycle and begin a new conversion. If the LTC2450-1 is in
the data output state, a CS rising edge clears the remaining
data bits from memory, aborts the output cycle and triggers
a new conversion. Figure 9 shows an example of aborting
an I/O with idle-high (CPOL = 1) and Figure 10 shows an
example of aborting an I/O with idle-low (CPOL = 0).
A new conversion cycle can be triggered using the CS
signal without having to generate any serial clock pulses
as shown in Figure 11. If SCK is maintained at a LOW
logic level, after the end of a conversion cycle, a new
conversion operation can be triggered by pulling CS low
and then high. When CS is pulled low (CS = LOW), SDO
will output the most significant bit (D15) of the result of
the just completed conversion. While a low logic level is
maintained at SCK pin and CS is subsequently pulled high
(CS = HIGH) the remaining 15 bits of the result (D14:D0)
are discarded and a new conversion cycle starts.
Following the aborted I/O, additional clock pulses in the
CONVERT state are acceptable, but excessive signal tran-
sitions on SCK can potentially create noise on the ADC
during the conversion, and thus may negatively influence
the conversion accuracy.
APPLICATIONS INFORMATION
Figure 8. Idle-Low (CPOL = 0) Clock. The 16th SCK Falling Edge Triggers a New Conversion
Figure 7. Idle-Low (CPOL = 0) Clock. ⎯C⎯S Triggers a New Conversion
D15
D14
D13
D12
D2
D1
D0
clk1
clk2
clk3
clk4 clk14
clk15
clk16
SCK
SD0
CONVERT
CONVERT
SLEEP
LOW ICC
DATA OUTPUT
24501 F07
CS
D15
D14
D13
D12
D2
D1
D0
SD0
clk1
clk2
clk3
clk4
clk15
clk14
clk16
SCK
CONVERT
CONVERT
SLEEP
LOW ICC
DATA OUTPUT
24501 F08
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com