Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD95485RWJ Datasheet(PDF) 4 Page - Texas Instruments

Part # CSD95485RWJ
Description  CSD95485RWJ Synchronous Buck NexFET™ Smart Power Stage
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD95485RWJ Datasheet(HTML) 4 Page - Texas Instruments

  CSD95485RWJ Datasheet HTML 1Page - Texas Instruments CSD95485RWJ Datasheet HTML 2Page - Texas Instruments CSD95485RWJ Datasheet HTML 3Page - Texas Instruments CSD95485RWJ Datasheet HTML 4Page - Texas Instruments CSD95485RWJ Datasheet HTML 5Page - Texas Instruments CSD95485RWJ Datasheet HTML 6Page - Texas Instruments CSD95485RWJ Datasheet HTML 7Page - Texas Instruments CSD95485RWJ Datasheet HTML 8Page - Texas Instruments CSD95485RWJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
CSD95485RWJ
SLPS721 – MARCH 2020
www.ti.com
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
ILOAD is defined as the current flowing out of the VSW pins.
(3)
Should not exceed 7 V.
6 Specifications
6.1 Absolute Maximum Ratings
TA = 25°C (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN to PGND
–0.3
20
V
VIN to VSW
–0.3
20
V
VIN to VSW (10 ns)
ILOAD > 0 A
(2)
23
V
VSW to PGND
–0.3
20
V
VSW to PGND (10 ns)
ILOAD < 0 A
(2)
23
V
VSW to PGND (10 ns)
–7
V
VDD to PGND
–0.3
7
V
EN/FCCM, TAO/FLT, LSET to PGND
(3)
–0.3
VDD + 0.3
V
IOUT, VOS, PWM to PGND
–0.3
7
V
REFIN to PGND
–0.3
3.6
V
BOOT to PGND
–0.3
30
V
BOOT to BOOT_R(3)
–0.3
VDD + 0.3
V
TJ
Operating junction temperature
–55
150
°C
Tstg
Storage temperature
–55
150
°C
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM)
±2000
V
Charged-device model (CDM)
±500
(1)
Operating at high VIN can create excessive AC voltage overshoots on the switch node (VSW) during MOSFET switching transients. For
reliable operation, the switch node (VSW) to ground voltage must remain at or below the Absolute Maximum Ratings.
(2)
Measurement made with six 10-µF (TDK C3216X7R1C106KT or equivalent) ceramic capacitors across VIN to PGND pins.
(3)
System conditions as defined in Note 2. Peak output current is applied for tp = 50 µs.
6.3 Recommended Operating Conditions
TA = 25°C (unless otherwise stated)
MIN
MAX
UNIT
VDD
Driver supply voltage
4.5
5.5
V
PVDD
Gate drive voltage
4.5
5.5
V
VIN
Input supply voltage(1)
4.5
16
V
VOUT
Output voltage
5.5
V
PWM to PGND
VDD + 0.3
V
IOUT
Continuous output current
VIN = 12 V, VDD = 5 V, PVDD = 5 V, VOUT = 1.2 V,
ƒSW = 500 kHz
(2)
75
A
IOUT-PK
Peak output current(3)
105
A
ƒSW
Switching frequency
CBST = 0.1 µF (min), VOUT = 2.5 V (max)
1250
kHz
On-time duty cycle
ƒSW = 1 MHz
85%
Minimum PWM on-time
20
ns
Operating junction temperature
–40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com