Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARTP1714 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ARTP1714
Description  CON, RP-TNC P R/A CRIMP LMR195
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ARTP1714 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ARTP1714 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.213
5.41
.12
3.0
.22
5.5
.30
7.5
RoHS Compliant 
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
APPLICATION: RG58, LMR195 AND EQUIVALENT.
CABLE RETENTION: 30 LBS. PULL.
MISCELLANEOUS:
FERRULE CRIMP
RECOMMENDED
D
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
PACKAGING:
DIELECTRIC WITHSTANDING VOLTAGE: 2500 VOLTS RMS
VOLTAGE RATING: 1500 VOLTS PEAK
FREQUENCY RANGE: 0 ~ 4 GHz
IMPEDANCE: 50 OHM
ELECTRICAL:
NOTES:
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
NICKEL PLATE
DIELECTRIC
TFE
-
CENTER PIN
BRASS
GOLD PLATE
RETAINING RING
BRASS
NICKEL PLATE
GASKET
RUBBER
-
FERRULE
BRASS
NICKEL PLATE
CAP
BRASS
NICKEL PLATE
D
UNDIMENSIONED FEATURES
K.BURGNER
D.FRISIELLO
A
B
MAY OCCUR
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
D.FRISIELLO
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
1
8
ARTP-1714
D
ARTP-1714.SLDDRW
4/30/10
1
4/30/10
REVISIONS
DESCRIPTION
APPROVED
REV
5/4/10
4/30/10
UNLESS OTHERWISE SPECIFIED,
K.BURGNER
DATE
43321
ECN 4752: REVISED FREQUENCY RANGE TO 6 GHz
ECN 5802: CHANGED FREQ. RANGE TO 0 ~ 4 GHz, REVISED PACKAGING NOTE
C
ECN 4720: UPDATED DRAWING AND NEW FORMAT
D.FRISIELLO
5/19/10
D
B
D.FRISIELLO
CATEGORY
COLOR VARIATIONS
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
CON, RP-TNC P R/A CRIMP LMR195
11/2/11
COAXIAL
PROJECTION
NORTH ANDOVER, MA
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005
RECOMMENDED
CABLE STRIPPING
BODY
CAP
FERRULE
1.14
29.0
.57
14.5


Similar Part No. - ARTP1714

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ARTP1710 L-COM-ARTP1710 Datasheet
58Kb / 1P
RP-TNC PLUG SOLDERLESS CRIMP CONNECTOR FOR LMR195
02/07/14
More results

Similar Description - ARTP1714

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
031-6294 AMPHENOL-031-6294 Datasheet
51Kb / 1P
TNC R/A PCB BULKHEAD
logo
Pasternack Enterprises,...
PE4678 PASTERNACK-PE4678 Datasheet
226Kb / 2P
RP TNC Male Right Angle Connector Crimp/ Solder Attachment For RG58
PE4661 PASTERNACK-PE4661 Datasheet
299Kb / 3P
RP TNC Male Connector Crimp/Solder Attachment For RG214, RG9
PE4687 PASTERNACK-PE4687 Datasheet
285Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG59, RG62
logo
Amphenol Corporation
122286 AMPHENOL-122286 Datasheet
48Kb / 1P
TNC R/A CLAMP PLUG
122420 AMPHENOL-122420 Datasheet
40Kb / 1P
TNC R/A DIRECT SOLDER PLUG
logo
Pasternack Enterprises,...
PE4686 PASTERNACK-PE4686 Datasheet
257Kb / 2P
RP TNC Female Connector Crimp/Solder Attachment For RG58
logo
List of Unclassifed Man...
R300124403 ETC2-R300124403 Datasheet
48Kb / 2P
RP SMA R/A SOLDER TYPE PCB RECEPTACLE
ANT-DB1-RMS-RPS ETC2-ANT-DB1-RMS-RPS Datasheet
185Kb / 1P
RP-SMA or TNC connector
logo
Pasternack Enterprises,...
PE45283 PASTERNACK-PE45283 Datasheet
358Kb / 3P
RP TNC Male Connector Crimp/Crimp Attachment for LMR-200, PE-C200
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com