Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASF-3700 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ASF-3700
Description  CONN SMA F BHD RG58, 195 CRIMP NK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ASF-3700 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ASF-3700 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.213
5.41
.039
1.0
.250
6.35
.230
5.84
.12
3.0
14.5
.57
.20
5.1
.32
HEX
8.0
1.09
27.7
FLAT
1/4-36 UNS-2A
RECOMMENDED
PANEL CUTOUT
RoHS Compliant 
FERRULE CRIMP
RECOMMENDED
ELECTRICAL:
NOTES:
CABLE STRIPPING
RECOMMENDED
CONTACT CRIMP
RECOMMENDED
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
MISCELLANEOUS:
CABLE RETENTION: 40 LBS PULL
DIELECTRIC WITHSTANDING VOLTAGE: 1000 VOLTS RMS
VOLTAGE RATING: 500 VOLTS PEAK
FREQUENCY RANGE: DC ~ 6 GHz
IMPEDANCE: 50 OHMS
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
APPLICATIONS: RG58/141/142, CA195RW, LMR195.
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
NICKEL PLATE
CENTER PIN
PHOS. BRONZE GOLD PLATE
DIELECTRIC
TFE
-
O-RING
RUBBER
-
FERRULE
BRASS
NICKEL PLATE
WASHER
BRASS
NICKEL PLATE
NUT
BRASS
NICKEL PLATE
COLOR VARIATIONS
CONN SMA F BHD RG58, 195 CRIMP NK
MAY OCCUR
UNDIMENSIONED FEATURES
UNLESS OTHERWISE SPECIFIED,
MAY VARY
ECN 5530: REDRAWN AND NEW FORMAT
D.FRISIELLO
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
COAXIAL
5/26/11
A
B
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
8
5
1
6
P.PESA
ASF-3700
C
REVISED AND REDRAWN
P.PESA
-
03/29/05
REVISIONS
03/29/05
REV
DESCRIPTION
APPROVED
ASF-3700.SLDDRW
1
DATE
ECN 4233: UPDATED CRIMP INFO
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
7
NORTH ANDOVER, MA
9/02/09
03/29/05
D
-
D
PROJECTION
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
B
NONE
FSCM NO.
3/29/05
43321
JC
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - ASF-3700

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ASF-3.33 ATMEL-ASF-3.33 Datasheet
93Kb / 19P
AVR UC3 A0/A1 (revision H and later)
More results

Similar Description - ASF-3700

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4413 PASTERNACK-PE4413 Datasheet
107Kb / 1P
SMA FEMALE CRIMP ATTACHMENT FOR RG58
PE4795 PASTERNACK-PE4795 Datasheet
84Kb / 1P
REVERSE POLARITY SMA FEMALE CRIMP ATTACHMENT FOR RG58
PE4420 PASTERNACK-PE4420 Datasheet
109Kb / 1P
SMA FEMALE BULKHEAD CRIMP ATTACHMENT FOR RG58
PE44191 PASTERNACK-PE44191 Datasheet
83Kb / 1P
REVERSE THREAD SMA FEMALE, CRIMP ATTACHMENT FOR RG58
PE51167 PASTERNACK-PE51167 Datasheet
375Kb / 3P
NMO Mount Connector Crimp-Solder Attachment for RG58, LMR-195
PE45138 PASTERNACK-PE45138 Datasheet
353Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/ Solder Attachment for RG58, RG303, LMR-195
PE45141 PASTERNACK-PE45141 Datasheet
349Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment for RG58, RG303, LMR-195, PE-P195
PE4577 PASTERNACK-PE4577 Datasheet
303Kb / 1P
SMA MALE CRIMP ATTACHMENT FOR RG58
PE44183 PASTERNACK-PE44183 Datasheet
83Kb / 1P
REVERSE THREAD SMA MALE, CRIMP ATTACHMENT FOR RG58
logo
Amphenol RF.
132454-BC RF-132454-BC Datasheet
288Kb / 1P
SMA STR BHD JACK FOR LMR/FBT 195 CABLE BLACK PLATED
Rev. A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com