Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFCAP01 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ASFCAP01
Description  CON, SMA FEMALE CAP W/CHAIN
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ASFCAP01 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ASFCAP01 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.62
15.7
1/4-36 UNS-2A
2.76
70.0
.157
4.0
.25
6.4
NOTES:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
RoHS Compliant 
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
NICKEL PLATE
RIVET
BRASS
NICKEL PLATE
GASKET
MVQ
-
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
ASF-CAP01
A
ASF-CAP01.SLDDRW
1
1
K.BURGNER
5/4/10
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
K.BURGNER
5/4/10
5/5/10
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
CON, SMA FEMALE CAP W/CHAIN
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D.FRISIELLO
COLOR VARIATIONS
MAY OCCUR
5/4/10
DIMENSIONAL TOLERANCES:
.X = ±.1
.XX = ±.01
.XXX = ±.005
ANGULAR TOLERANCES:
ALL = ± 1°


Similar Part No. - ASFCAP01

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASFC ALSC-ASFC Datasheet
1Mb / 42P
Industrial embedded MMC 5.1 32 GBytes up to 128 GBytes
Rev.1.0 July 2023
logo
Abracon Corporation
ASFC10.7M ABRACON-ASFC10.7M Datasheet
221Kb / 1P
10.7M CERAMIC FILTER
ASFC10.7MA ABRACON-ASFC10.7MA Datasheet
221Kb / 1P
10.7M CERAMIC FILTER
ASFC10.7MA19 ABRACON-ASFC10.7MA19 Datasheet
221Kb / 1P
10.7M CERAMIC FILTER
ASFC10.7MC40 ABRACON-ASFC10.7MC40 Datasheet
221Kb / 1P
10.7M CERAMIC FILTER
More results

Similar Description - ASFCAP01

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SDKN-89-12 WINCHESTER-SDKN-89-12 Datasheet
395Kb / 1P
CAP & CHAIN, N
SDKN-89-30 WINCHESTER-SDKN-89-30 Datasheet
60Kb / 1P
CAP & CHAIN
logo
Pasternack Enterprises,...
PE6058 PASTERNACK-PE6058 Datasheet
72Kb / 1P
7/16 FEMALE CAP WITH CHAIN
PE6119 PASTERNACK-PE6119 Datasheet
234Kb / 2P
Non-Shorting Dust Cap for SMA Female With 2.5 Inch Chain
PE6132 PASTERNACK-PE6132 Datasheet
204Kb / 2P
Shorting Dust Cap for SMA Female With 2.5 Inch Chain
logo
Winchester Electronics ...
KA-81-07 WINCHESTER-KA-81-07 Datasheet
41Kb / 1P
CAP CHAIN TNC
KA-89-60 WINCHESTER-KA-89-60 Datasheet
62Kb / 1P
THE CAP, CHAIN
logo
Pasternack Enterprises,...
PE6119 PASTERNACK-PE6119_16 Datasheet
416Kb / 3P
SMA Female Non-Shorting Dust Cap With 2.5 Inch Chain
PE6132 PASTERNACK-PE6132_17 Datasheet
346Kb / 3P
SMA Female Shorting Dust Cap With 2.5 Inch Chain
logo
NorComp
854103M-DC-M10 NORCOMP-854103M-DC-M10 Datasheet
55Kb / 1P
M10X0.75 FEMALE THREAD DUST CAP W/ CHAIN
Rev.00 09/15/2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com