Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM-1102 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ASM-1102
Description  SMA STRAIGHT MALE CRIMP FOR RG316/LMR100
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ASM-1102 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ASM-1102 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.1280
3.3
.43
11.0
.10
2.5
.18
4.5
-SOLDERED-
PIN
RECOMMENDED
PIN
STRIPPING
RECOMMENDED CABLE
SOLDER
RECOMMENDED
FERRULE
CRIMP SIZE
NOTES:
ELECTRICAL:
IMPEDENCE: 50 OHMS
WITHSTANDING VOLTAGE: 1000V
FREQUENCY RANGE: 0~6GHz
VSWR: < 1.50@0~6GHz
DURABILITY: >500 CYCLE
CABLE RETENTIOIN: >30 POUNDS
MISCELLANEOUS:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPEC PS-0031
DESCRIPTION
MATERIAL
FINISH
CENTER CONTACT
BRASS
GOLD
OUTER CONTACT
BRASS
NICKEL
BODY
BRASS
NICKEL
FERRULE
BRASS
NICKEL
GASKET
RUBBER
ORANGE
INSULATOR
PTFE
NATURAL
RETAINING RING
BRASS
NICKEL
DESCRIPTION
MATERIAL
FINISH
CENTER CONTACT
BRASS
GOLD
OUTER CONTACT
BRASS
NICKEL
BODY
BRASS
NICKEL
FERRULE
BRASS
NICKEL
GASKET
RUBBER
ORANGE
INSULATOR
PTFE
NATURAL
RETAINING RING
BRASS
NICKEL
.31
8.0
HEX
1/4-36UNS-2B
.37
9.5
16.9
.66
8.4
.33
.15
3.9
°
12/02/2009
UNLESS OTHERWISE SPECIFIED,
A
B
C
D
SCALE:
SIZE
ITEM NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
± 1/32
COLOR VARIATIONS
≤12 [305] = +1 [25] / -0
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
1
OVERALL CABLE LENGTH TOLERANCE:
ASM-1102
C
MAUDAS
12/02/2009
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
1
A
12/02/2009
04/09/2008
B
ECN 4406 UPDATE FORMAT AND CONNECTOR INFO
INITIAL RELEASE
BPUCHASKI
11/25/2020
12/02/2009
ECN 10785 UPDATE PER VENDOR
C
SELLIS
CATEGORY
PRODUCT DESCRIPTION
FRACTIONS
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
FOR RG316/LMR100
COAXIAL
CAD FILE:
CAGE CODE
SMA STRAIGHT MALE CRIMP
KBURGNER
BPUCHASKI
DIMENSIONS ARE IN INCHES [mm]
THIRD-ANGLE PROJECTION
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
North Andover, MA 01845 USA.
>300 [7620] = +5% / -0
T-Rev.D
ALL OTHER DIMENSIONAL TOLERANCES:
Phone: 1.800.341.5266
50 High Street, West Mill,
CONFIGURATION DETAILS OF
>12 [305] ≤60 [1524] = +2 [51] / -0
1.978.682.6936
43321
MAY OCCUR
ASM-1102.SLDDRW
ANGLES ± 1
.X =
.2 [5]
.XX =
.02 [.5]
.XXX = .005 [.13]


Similar Part No. - ASM-1102

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
ASM-100 TALEMA-ASM-100 Datasheet
47Kb / 1P
Current Sensor for 50/60 Hz
logo
List of Unclassifed Man...
ASM-1209 ETC-ASM-1209 Datasheet
129Kb / 1P
Mounting Guide for ASM-1209 Microswitch
logo
Infinite Electronics In...
ASM-1406 L-COM-ASM-1406 Datasheet
52Kb / 1P
CON,SMA MALE CRIMP LMR400
10/5/12
logo
Astrodyne Corporation
ASM-1500 ASTRODYNE-ASM-1500 Datasheet
753Kb / 3P
15W Ultraminiature Medical Grade Switching Power Supplies
ASM-1501 ASTRODYNE-ASM-1501 Datasheet
753Kb / 3P
15W Ultraminiature Medical Grade Switching Power Supplies
More results

Similar Description - ASM-1102

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4009 PASTERNACK-PE4009 Datasheet
284Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4003 PASTERNACK-PE4003 Datasheet
245Kb / 2P
SMA MALE Connector Crimp/Solder Attachment For RG174,RG316,RG188
PE44188 PASTERNACK-PE44188 Datasheet
221Kb / 3P
RT SMA Male Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4401 PASTERNACK-PE4401 Datasheet
263Kb / 3P
SMA Male Connector Crimp - Solder Attachment For RG188-DS, RG316-DS
PE4408 PASTERNACK-PE4408 Datasheet
285Kb / 3P
SMA Male Right Angle Connector Crimp - Solder Attachment For RG188-DS, RG316-DS
PE44184 PASTERNACK-PE44184 Datasheet
221Kb / 3P
RT SMA Male Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE4589 PASTERNACK-PE4589 Datasheet
353Kb / 3P
SMA Male Connector Crimp - Solder (Captive Contact) Attachment for RG174, RG316, RG188
PE4771 PASTERNACK-PE4771 Datasheet
213Kb / 2P
RP SMA Male Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE45165 PASTERNACK-PE45165 Datasheet
356Kb / 3P
Reverse Thread SMA Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45145 PASTERNACK-PE45145 Datasheet
350Kb / 3P
SMA Male Connector Crimp/Solder Attachment for RG174, RG316, RG188 Gold Plated
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com