Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM1406 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ASM1406
Description  CON,SMA MALE CRIMP LMR400
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ASM1406 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ASM1406 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.429
10.9
.128
3.3
.610
15.5
.256
6.5
.138
3.5
1/4-36UNS-2B
17.9
.705
.531
13.5
COLOR VARIATIONS
PROJECTION
8
UNDIMENSIONED FEATURES
ASM-1406.SLDDRW
43321
B
D. DESJARDIN
CATEGORY
PRODUCT DESCRIPTION
8
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
NORTH ANDOVER, MA
D. PARHAM
A
B
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
K. BURGNER
5
6
7
ECN 6444: UPDATED DRAWING FORMAT. ADDED PACKAGING
ASM-1406
B
1
10/4/12
REVISIONS
MAY OCCUR
DESCRIPTION
APPROVED
DATE
10/5/12
10/4/12
CON,SMA MALE CRIMP LMR400
4
5
6
7
REV
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
MAY VARY
FSCM NO.
NONE
UNLESS OTHERWISE SPECIFIED,
10/4/12
COAXIAL
1AB01-035
D. DESJARDIN
DIMENSIONS ARE IN INCHES [mm]
1
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005
RoHS Compliant 
ACCORDANCE WITH L-COM SPECIFICATIONS PS-0031.
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
NOTES:
<1.50 @ 0~6 GHz
>
CABLE RETENTION: > 40 POUNDS
ELECTRICAL:
IMPEDENCE: 50 OHMS
VSWR:
500 CYCLE
FREQUENCY RANGE: 0~6 GHz
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
WITHSTAND VOLTAGE: 1000V
MISCELLANEOUS:
DURABILITY:
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
NICKEL
CENTER CONTACT
BRASS
GOLD
FERRULE
BRASS
NICKEL
INSULATOR
TEFLON
--
GASKET
RUBBER
--
RETAINING RING
BRASS
NICKEL
SHELL
BRASS
NICKEL
.315
8.0
RECOMMENDED
FERRULE
CRIMP SIZE
RECOMMENDED
PIN
CRIMP SIZE
RECOMMENDED
CABLE STRIPPING


Similar Part No. - ASM1406

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASM1442 ETC2-ASM1442 Datasheet
366Kb / 18P
HDMI/DVI Level Shifter
More results

Similar Description - ASM1406

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
384586 ERNI-384586 Datasheet
48Kb / 1P
Male Con. C32 solder
384600 ERNI-384600 Datasheet
51Kb / 1P
Male Con. C48 solder
354867 ERNI-354867 Datasheet
49Kb / 1P
Male con. D32 solder
354871 ERNI-354871 Datasheet
53Kb / 1P
Male Con. E48 Solder
100600760003 ERNI-100600760003 Datasheet
58Kb / 1P
Male con. D32 solder
100700760003 ERNI-100700760003 Datasheet
68Kb / 1P
Male Con. E48 Solder
logo
Adam Technologies, Inc.
RF2-02-T-21-50-G ADAM-TECH-RF2-02-T-21-50-G Datasheet
66Kb / 1P
SMA MALE CRIMP TYPE
RF2-14-T-08-50-G ADAM-TECH-RF2-14-T-08-50-G Datasheet
969Kb / 1P
SMA MALE CRIMP
RF2-57-T-02-50-G ADAM-TECH-RF2-57-T-02-50-G Datasheet
69Kb / 1P
SMA MALE BULKHEAD CRIMP
logo
Pasternack Enterprises,...
PE4003 PASTERNACK-PE4003_16 Datasheet
361Kb / 3P
SMA Male Connector Crimp/Crimp Attachment
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com