Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC0808LCM/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC0808LCM/NOPB
Description  8-Bit D/A Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC0808LCM/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  DAC0808LCM/NOPB Datasheet HTML 1Page - Texas Instruments DAC0808LCM/NOPB Datasheet HTML 2Page - Texas Instruments DAC0808LCM/NOPB Datasheet HTML 3Page - Texas Instruments DAC0808LCM/NOPB Datasheet HTML 4Page - Texas Instruments DAC0808LCM/NOPB Datasheet HTML 5Page - Texas Instruments DAC0808LCM/NOPB Datasheet HTML 6Page - Texas Instruments DAC0808LCM/NOPB Datasheet HTML 7Page - Texas Instruments DAC0808LCM/NOPB Datasheet HTML 8Page - Texas Instruments DAC0808LCM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DAC0808
8-Bit D/A Converter
General Description
The DAC0808 is an 8-bit monolithic digital-to-analog con-
verter (DAC) featuring a full scale output current settling time
of 150 ns while dissipating only 33 mW with ±5V supplies.
No reference current (I
REF) trimming is required for most
applications since the full scale output current is typically ±1
LSB of 255 I
REF/256. Relative accuracies of better than
±0.19% assure 8-bit monotonicity and linearity while zero
level output current of less than 4 µA provides 8-bit zero
accuracy for I
REF≥2 mA. The power supply currents of the
DAC0808 is independent of bit codes, and exhibits essen-
tially constant device characteristics over the entire supply
voltage range.
The DAC0808 will interface directly with popular TTL, DTL or
CMOS logic levels, and is a direct replacement for the
MC1508/MC1408. For higher speed applications, see
DAC0800 data sheet.
Features
n
Relative accuracy: ±0.19% error maximum
n
Full scale current match: ±1 LSB typ
n
Fast settling time: 150 ns typ
n
Noninverting digital inputs are TTL and CMOS
compatible
n
High speed multiplying input slew rate: 8 mA/µs
n
Power supply voltage range: ±4.5V to ±18V
n
Low power consumption: 33 mW @ ±5V
Block and Connection Diagrams
DS005687-1
Dual-In-Line Package
DS005687-2
Top View
Order Number DAC0808
See NS Package M16A or N16A
May 1999
© 2001 National Semiconductor Corporation
DS005687
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com