Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7617EB Datasheet(PDF) 7 Page - Texas Instruments

Part # DAC7617EB
Description  Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7617EB Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC7617EB Datasheet HTML 3Page - Texas Instruments DAC7617EB Datasheet HTML 4Page - Texas Instruments DAC7617EB Datasheet HTML 5Page - Texas Instruments DAC7617EB Datasheet HTML 6Page - Texas Instruments DAC7617EB Datasheet HTML 7Page - Texas Instruments DAC7617EB Datasheet HTML 8Page - Texas Instruments DAC7617EB Datasheet HTML 9Page - Texas Instruments DAC7617EB Datasheet HTML 10Page - Texas Instruments DAC7617EB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
DAC7617
SBAS185
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VDD = +3V, VREFH = +1.25V, and VREFL = 0V, representative unit, unless otherwise specified.
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
Temperature (
°C)
–40 –30
–10
0
–20
10
20
40
50
30
70
80
90
60
NEGATIVE FULL-SCALE ERROR vs TEMPERATURE
DAC A
DAC D
DAC C
DAC B
Code (0040
H)
Code (000
H)
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
Temperature (
°C)
–40 –30
–10
0
–20
10
20
40
50
30
70
80
90
60
POSITIVE FULL-SCALE ERROR vs TEMPERATURE
DAC A
DAC D
DAC C
DAC B
Code (0040
H)
Code (FFF
H)
0.000
0.050
–0.100
–0.150
–0.200
Digital Input Code
000
H
400
H
200
H
600
H
A00
H
800
H
E00
H
FFF
H
C00
H
V
REFL CURRENT vs CODE
0.200
0.150
0.100
0.050
0.000
Digital Input Code
000
H
400
H
200
H
600
H
A00
H
800
H
E00
H
FFF
H
C00
H
V
REFH CURRENT vs CODE
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
Digital Input Code
000
H
400
H
200
H
600
H
800
H
C00
H
A00
H
E00
H
FFF
H
SUPPLY CURRENT vs DIGITAL INPUT CODE
No Load
10
8
6
4
2
0
–2
–4
Input Code
000
H
400
H
200
H
600
H
800
H
C00
H
A00
H
E00
H
FFF
H
SUPPLY CURRENT LIMIT vs INPUT CODE
Short to V
DD
Short to Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com