Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7644EB Datasheet(PDF) 13 Page - Texas Instruments

Part # DAC7644EB
Description  16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7644EB Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC7644EB Datasheet HTML 9Page - Texas Instruments DAC7644EB Datasheet HTML 10Page - Texas Instruments DAC7644EB Datasheet HTML 11Page - Texas Instruments DAC7644EB Datasheet HTML 12Page - Texas Instruments DAC7644EB Datasheet HTML 13Page - Texas Instruments DAC7644EB Datasheet HTML 14Page - Texas Instruments DAC7644EB Datasheet HTML 15Page - Texas Instruments DAC7644EB Datasheet HTML 16Page - Texas Instruments DAC7644EB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
13
®
DAC7644
TYPICAL PERFORMANCE CURVES: VSS = –5V (CONT)
At TA = +25°C, VDD = VCC = +5V, VSS = –5V, VREFH = +2.5V, VREFL = –2.5V, representative unit, unless otherwise specified.
2
1.5
1
0.5
0
–0.5
–1
–1.5
–2
Temperature (
°C)
–40
–25
85
025
55
ZERO-SCALE ERROR vs TEMPERATURE
(Code 8000
H)
DAC B
DAC D
DAC A
DAC C
2
1.5
1
0.5
0
–0.5
–1
–1.5
–2
Temperature (
°C)
–40
–25
85
025
55
POSITIVE FULL-SCALE ERROR vs TEMPERATURE
(Code FFFF
H)
DAC B
DAC D
DAC A
DAC C
+0.6
+0.5
+0.4
+0.3
+0.2
+0.1
0.0
V
REFH CURRENT vs CODE
(all DACs sent to indicated code)
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H C000H
E000
H FFFFH
0.0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
V
REFL CURRENT vs CODE
(all DACs sent to indicated code)
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H C000H
E000
H FFFFH
2
1.5
1
0.5
0
–0.5
–1
–1.5
–2
Temperature (
°C)
–40
–25
85
025
55
NEGATIVE FULL-SCALE ERROR vs TEMPERATURE
(Code 0000
H)
DAC D
DAC B
DAC A
DAC C
3
2.5
2
1.5
1
0.5
0
–0.5
–1
–1.5
–2
–2.5
–3
Temperature (
°C)
–40
–25
85
025
55
POWER SUPPLY CURRENT
vs TEMPERATURE
I
CC
I
SS
Data = FFFF
H (all DACs)
No Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com