Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1963 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1963
Description  1.1A, Low Noise, Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963 Datasheet(HTML) 2 Page - Linear Technology

  LT1963 Datasheet HTML 1Page - Linear Technology LT1963 Datasheet HTML 2Page - Linear Technology LT1963 Datasheet HTML 3Page - Linear Technology LT1963 Datasheet HTML 4Page - Linear Technology LT1963 Datasheet HTML 5Page - Linear Technology LT1963 Datasheet HTML 6Page - Linear Technology LT1963 Datasheet HTML 7Page - Linear Technology LT1963 Datasheet HTML 8Page - Linear Technology LT1963 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT1965
2
1965f
ABSOLUTE MAXIMUM RATINGS
IN Pin Voltage .........................................................±22V
OUT Pin Voltage......................................................±22V
Input to Output Differential Voltage (Note 2) ......... ±22V
ADJ Pin Voltage ........................................................±9V
⎯S⎯H⎯D⎯N Pin Voltage ...................................................±22V
Output Short-Circuit Duration .......................... Indefinite
(Note 1)
TOP VIEW
DD PACKAGE
8-LEAD (3mm × 3mm) PLASTIC DFN
5
6
7
8
9
4
3
2
1
OUT
OUT
ADJ
GND
IN
IN
SHDN
GND
TJMAX = 125°C, θJA = 65°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
OUT
OUT
ADJ
GND
8
7
6
5
9
IN
IN
SHDN
GND
TOP VIEW
MS8E PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 60°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
Q PACKAGE
5-LEAD PLASTIC DD-PAK
FRONT VIEW
ADJ
OUT
GND
IN
SHDN
TAB IS
GND
5
4
3
2
1
TJMAX = 125°C, θJA = 30°C/W
T PACKAGE
5-LEAD PLASTIC TO-220
ADJ
OUT
GND
IN
SHDN
FRONT VIEW
5
4
3
2
1
TAB IS
GND
TJMAX = 125°C, θJA = 50°C/W
PIN CONFIGURATION
ORDER INFORMATION
Operating Junction Temperature Range (E, I Grade)
(Notes 2, 13)......................................–40°C to 125°C
Storage Temperature Range...................–65°C to 150°C
Lead Temperature (Soldering, 10 sec)
(Only for MSOP, TO-220, DD-PAK Packages) ... 300°C
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1965EDD#PBF
LT1965EDD#TRPBF
LCXW
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT1965EMS8E#PBF
LT1965EMS8E#TRPBF
LTCXX
8-Lead Plastic MSOP
–40°C to 125°C
LT1965EQ#PBF
LT1965EQ#TRPBF
LT1965Q
5-Lead Plastic DD-PAK
–40°C to 125°C
LT1965ET#PBF
LT1965ET#TRPBF
LT1965T
5-Lead Plastic TO-220
–40°C to 125°C
LT1965IDD#PBF
LT1965IDD#TRPBF
LCXW
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT1965IMS8E#PBF
LT1965IMS8E#TRPBF
LTCXX
8-Lead Plastic MSOP
–40°C to 125°C
LT1965IQ#PBF
LT1965IQ#TRPBF
LT1965Q
5-Lead Plastic DD-PAK
–40°C to 125°C
LT1965IT#PBF
LT1965IT#TRPBF
LT1965T
5-Lead Plastic TO-220
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com