Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV102TUS Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AV102TUS
Description  ADDERLink AV102T
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AV102TUS Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AV102TUS Datasheet HTML 1Page - Infinite Electronics International, Inc. AV102TUS Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KVM Extender
Solutions
Experts in
Connectivity
Solutions
Drive 2 professional dual screen receivers
from a miniaturised two port transmitter
FEATURES
Resolutions and cable lengths
Typical resolutions achievable include:
720p: 1280 x 720 x 60Hz at 300m.
1080p:1920 x 1200 x 60Hz at 100m.
Audio
CD quality stereo audio is supported.
EDID display information
The module contains a default set of
EDID information that supports display
resolutions up to 1920x1080 @ 60Hz.
In addition, the module will check during
power up whether alternative EDID
information is available from the KVM
switch or extender that is connected to
port A. If required, you can also harvest
and store new EDID information from
your display (Read and Store).
Power
The ALAV102T uses a USB port to
derive its power from the host computer,
dispensing with the need for a separate
power supply, thus simplifying installation.
The USB cable must always be connected
to a USB port on the computer that is
capable of providing up to 300mA.
Small footprint
The ALAV102T has been designed to
use minimal space around your host
systems, allowing you to neatly locate the
transmitter. moulded cables also reduce
cable clutter, keeping the device easily
accesable at all times.
RS232 for disabling/re-enabling receiver
connections
Using the onboard RS232 interface,
individual transmission paths can be
disconnected allowing remote screens to
sleep, and wake on re-connection.This
saves power and screen hours in use.
Using a KVM over IP device such as the
AVX5016, you can directly control up
to 32 individual transmission paths from
anywhere in the world.
AV-KVM Port
ALAV102T is the first ADDERLink
transmitter to feature AV-KVM ports.
These ports allow you to connect directly
to a KVM extender.This allows you to add
additional devices such as touch screens
and keyboards.
PRODUCT IN BRIEF
The ALAV102T is a highly compact AV
transmitter that allow you to deliver
professional quality AV content to
ALAV100 series receivers.
The module connects to the video,
USB, audio and RS232 ports of your
computer and then connects via CAT
5, 5e or 6 cabling to the ALAV100
receivers, each of which can be located
up to 300 meters from the module.
ALAV102T features RS232 control
allowing you to switch nodes on and
off using Adders display manager
software, or any RS232 control
application.
ADDERLink AV102T
Professional 2 port AV transmitter with RS232 & USB power
Digital Signage
Professional AV


Similar Part No. - AV102TUS

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AV102T-US L-COM-AV102T-US Datasheet
823Kb / 2P
Drive 2 professional dual screen receivers from a miniaturised two port transmitter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com