Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIT4192IPWR Datasheet(PDF) 7 Page - Texas Instruments

Part # DIT4192IPWR
Description  192kHz Digital Audio Transmitter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIT4192IPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button DIT4192IPWR Datasheet HTML 3Page - Texas Instruments DIT4192IPWR Datasheet HTML 4Page - Texas Instruments DIT4192IPWR Datasheet HTML 5Page - Texas Instruments DIT4192IPWR Datasheet HTML 6Page - Texas Instruments DIT4192IPWR Datasheet HTML 7Page - Texas Instruments DIT4192IPWR Datasheet HTML 8Page - Texas Instruments DIT4192IPWR Datasheet HTML 9Page - Texas Instruments DIT4192IPWR Datasheet HTML 10Page - Texas Instruments DIT4192IPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
DIT4192
7
SBOS229B
www.ti.com
CONTROL BITS OR INPUT PIN
M/S
MASTER/SLAVE MODE SELECTION
Slave Mode, both SYNC and SCLK
are inputs.
Master Mode, both SYNC and SCLK
are outputs.
TABLE III. Master/Slave Mode Selection for Software or
Hardware Mode.
0
1
FIGURE 4. Audio Data Formats and Timing.
zation clock for the port. The SYNC pin is also used as a data
latch clock for the channel status, user, and validity data
inputs in Hardware mode, and the user data input in Software
mode.
SLAVE OR MASTER MODE OPERATION
The audio serial port supports both Slave and Master mode
operation. In Slave mode, both SYNC and SCLK are config-
ured as inputs. The audio source device must generate both
the SYNC and SCLK clocks in Slave mode. In Master mode,
both SYNC and SCLK are configured as outputs. The audio
serial port generates the SYNC and SCLK clocks in Master
mode, deriving both from the master clock (MCLK) input.
In Software mode, Master/Slave mode selection is per-
formed using the M/S bit in Control Register 03H (defaults to
Slave mode). In Hardware mode, the M/S input (pin 14) is
used to select the audio serial port mode. This is shown in
Table III.
SYNC AND SCLK FREQUENCIES
The SYNC clock rate is the same as the sampling frequency,
or fS. This holds true for both Slave and Master modes. The
DIT4192 supports SYNC frequencies up to 192kHz.
The SCLK frequency in Slave mode must provide at least
one clock cycle for each data bit that is input at SDATA. The
maximum SCLK frequency is 128 • fS, or 24.576MHz for
fS = 192kHz. The SCLK frequency in Master mode is set by
the DIT4192 itself. For Software mode operation, the SCLK
rate may be programmed to either 64 • fS or 128 • fS, using
the SCLKR bit in Control Register 03HEX. In Hardware mode,
the SCLK frequency is fixed at 64 • fS for Master mode.
AUDIO DATA FORMATS
The DIT4192 supports standard audio data formats, includ-
ing Philips I2S, Left-Justified, and Right-Justified data.
Software mode provides the most flexible format selection,
while Hardware mode supports a limited subset of the
Software mode formats. Linear PCM audio data at the
SDATA input is typically presented in Binary Two’s Comple-
ment, MSB first format. Encoded or non-audio data may be
provided as required by the encoding scheme in use. Figure
4 shows the common data formats used by the audio serial
port.
t
SYNCHL
t
SYNCHL
t
SYSK
t
SYSKHL
t
SCLKHL
t
SCLKP
t
ADS
t
ADH
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
Right Justified
Left Justified
0 SCLK Delay
Left Justified
1 SCLK Delay (I2S)
Right Channel
Left Channel
SYNC
(ISYNC = 0)
SYNC
(ISYNC = 1)
SCLK
(ISCLK = 0)
SCLK
(ISCLK = 1)
SYNC
SCLK
SDATA
SDATA
SDATA
SDATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com