Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3021 Datasheet(PDF) 16 Page - Linear Technology

Part # LT3021
Description  1.1A, Low Noise, Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3021 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT3021 Datasheet HTML 8Page - Linear Technology LT3021 Datasheet HTML 9Page - Linear Technology LT3021 Datasheet HTML 10Page - Linear Technology LT3021 Datasheet HTML 11Page - Linear Technology LT3021 Datasheet HTML 12Page - Linear Technology LT3021 Datasheet HTML 13Page - Linear Technology LT3021 Datasheet HTML 14Page - Linear Technology LT3021 Datasheet HTML 15Page - Linear Technology LT3021 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LT1965
16
1965f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2007
LT 0807 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT1129
700mA, Micropower, LDO
VIN: 4.2V to 30V, VOUT(MIN) = 3.8V, VDO = 0.40V, IQ = 50μA, ISD = 16μA;
DD, SOT-223, S8, TO220-5 and TSSOP20 Packages
LT1761
100mA, Low Noise Micropower, LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.30V, IQ = 20μA, ISD = < 1μA,
Low Noise < 20μVRMS, Stable with 1μF Ceramic Capacitors, ThinSOT™ Package
LT1762
150mA, Low Noise Micropower, LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.30V, IQ = 25μA, ISD = < 1μA,
Low Noise < 20μVRMS, MS8 Package
LT1763
500mA, Low Noise Micropower, LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.30V, IQ = 30μA, ISD = < 1μA,
Low Noise < 20μVRMS, S8 Package
LT1764/LT1764A
3A, Low Noise, Fast Transient Response,
LDO
VIN: 2.7V to 20V, VOUT(MIN) = 1.21V, VDO = 0.34V, IQ = 1mA, ISD = < 1μA, Low Noise
< 40μVRMS, “A” Version Stable with Ceramic Capacitors, DD and TO220-5 Packages
LTC1844
150mA, Very Low Drop-Out LDO
VIN: 1.6V to 6.5V, VOUT(MIN) = 1.25V, VDO = 0.08V, IQ = 35μA, ISD = < 1μA,
Low Noise < 60μVRMS, ThinSOT™ Package
LT1962
300mA, Low Noise Micropower, LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.27V, IQ = 30μA, ISD = < 1μA,
Low Noise < 20μVRMS, MS8 Package
LT1963/LT1963A
1.5A, Low Noise, Fast Transient Response,
LDO
VIN: 2.1V to 20V, VOUT(MIN) = 1.21V, VDO = 0.34V, IQ = 1mA, ISD = < 1μA,
Low Noise < 40μVRMS, “A” Version Stable with Ceramic Capacitors;
DD, TO220-5, SOT-223 and S8 Packages
LT3020
100mA, Low Voltage VDO, VIN(MIN) = 0.9V,
LDO
VIN: 0.9V to 10V, VOUT(MIN) = 0.20V, VDO = 0.15V, IQ = 120μA, ISD = 3μA, DFN and
MS8 Packages
LT3021
500mA, Low Voltage VDO, VIN(MIN) = 0.9V,
LDO
VIN: 0.9V to 10V, VOUT(MIN) = 0.20V, VDO = 0.16V, IQ = 120μA, ISD = 3μA, DFN and
S8 Packages
LT3023
Dual, 2x 100mA, Low Noise Micropower,
LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.30V, IQ = 40μA, ISD = < 1μA, DFN and
MS10 Packages
LT3024
Dual, 100mA/500mA, Low Noise
Micropower, LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.30V, IQ = 60μA, ISD = < 1μA, DFN and
TSSOP Packages
LT3027
Dual, 2x 100mA, Low Noise Micropower,
LDO with Independent Inputs
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.30V, IQ = 25μA, ISD = < 1μA,
Low Noise < 20μVRMS, DFN and MS10 Packages
LT3028
Dual, 100mA/500mA, Low Noise
Micropower, LDO with Independent Inputs
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.30V, IQ = 30μA, ISD = < 1μA,
Low Noise < 20μVRMS, DFN and TSSOP Packages
ThinSOT is a trademark of Linear Technology Corporation
Adjustable Current Source
+
LT1004-1.2
VIN > 2.7V
C1
10μF
+
C4
10μF
R3
2k
R1
1k
R2
80.6k
R4
2.2k
R5, 0.01Ω
R6
2.2k
LT1965
IN
SHDN
OUT
ADJ
GND
–
+
1/2
LT1366
R8
100k
LOAD
R7
470Ω
2
1
8
3
4
C3
1μF
C2
3.3μF
1965 TA04
NOTE: ADJUST R1 FOR
0A TO 1.1A CONSTANT-CURRENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com