Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW900FS Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # AW900FS
Description  Secure 900 MHz Industrial Wireless Ethernet Radio
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AW900FS Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  AW900FS Datasheet HTML 1Page - Infinite Electronics International, Inc. AW900FS Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Example System diagram
© AvaLAN Wireless Systems Incorporated. All rights reserved. AvaLAN Wireless and the AvaLAN Wireless logo are registered trademarks of AvaLAN Wireless Systems Incorporated. All other trademarks are property of their respective owners.
AvaLAN Wireless makes no representations or warranties with respect to the accuracy, utility, or completeness of the contents of this publication and reserves the right to make changes to specifications and product descriptions at any time
without notice. No license, express or implied, by estoppel or otherwise, to any patents or other intellectual property rights is granted by this document. Particular uses or applications may invalidate some of the specifications and/or product
descriptions contained herein. The customer is urged to perform its own engineering review before deciding on a particular application. AvaLAN Wireless products are not designed for use in medical, life saving, or life sustaining applications.
Technical specifications
Copyright
:: AvaLAN Wireless Systems Inc. :: All rights reserved
06.14.2013
PARAMETER
SPECIFICATION
RF Data Rate
200 kbps
Frequency Range
902.75 MHz to 927.25 MHz
Transmit Power
Selectable from 1 mW to 1 W
Receiver Sensitivity
-98 dBm at 10-5 BER
Access Scheme
TDMA
Modulation/Spreading
FSK - FHSS
Range
Line-of-sight range up to 60 miles with directional antennas, 5 miles with included omnidirectional antenna
Browser Management Tools
Data Communication Statistics, Network Settings, Transmit Power
Data Security
FIPS 140-2 Level 2 Validated (Certificate #1452)
Operating Environment
-40ºC to +70ºC
Mounting
DIN rail clip
Ethernet Data Interface
10/100baseT
Connectors
RJ-45 for Ethernet, Mini-USB for Encryption Settings
Power System
802.3af 48 VDC Power Over Ethernet or 5-30 VDC through power connectors
Power Consumption
When transmitting at +30 dBm: 6.7 Watts
When receiving: 1.0 Watts
Package Size
110 mm wide, 120 mm high, 32 mm thick, weight 0.2 kg
Antenna
RPTNC Connector, 50 Ohm Impedance. 2.5 dBi flexible omnidirectional antenna included.
Warranty
1 Year Parts & Labor, XTRa-Care Extended Warranty 2 Year Extension available at nominal cost
Certification
FCC, IC certified, C1D2 certification pending
AW900FS
Secure 900 MHz Industrial Wireless Ethernet Radio
Includes:
(1) AW900FS Radio
(1) AW2-900 2.5 dBi Omnidirectional Antenna
(1) AW-12VPS 12 VDC Power Supply (USA plug only)
Ordering Information
AW900FS
HMI
(Human to Machine Interface)
LAN
PLC
Level Sensor
RTU
PLC
PLC
PLC
LAN
LAN
AW900FS
AW900FS
AW900FS
Now
With
FIPS
140-2
Level
2
Validated
Data
Security!



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com