Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3772 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2N3772
Description  HIGH POWER NPN SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N3772 Datasheet(HTML) 1 Page - STMicroelectronics

  2N3772 Datasheet HTML 1Page - STMicroelectronics 2N3772 Datasheet HTML 2Page - STMicroelectronics 2N3772 Datasheet HTML 3Page - STMicroelectronics 2N3772 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2N3771
2N3772
HIGH POWER NPN SILICON TRANSISTOR
s
SGS-THOMSON PREFERRED SALESTYPES
DESCRIPTION
The 2N3771, 2N3772 are silicon epitaxial-base
NPN transistors mounted in Jedec Jedec TO-3
metal
case.
They
are
intended
for
linear
amplifiers and inductive switching applications.
INTERNAL SCHEMATIC DIAGRAM
June 1997
1
2
TO-3
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
2N3771
2N3772
VCEO
Collector-Emitter Voltage (IE = 0)
40
60
V
VCEV
Collector-Emitter Voltage (VBE = -1.5V)
50
80
V
VCBO
Collector-Base Voltage (IB = 0)
50
100
V
VEBO
Emitter-Base Voltage (IC = 0)
5
7
V
IC
Collector Current
30
20
A
ICM
Collector Peak Current
30
30
A
IB
Base Current
7.5
5
A
IBM
Base Peak Current
15
15
A
Ptot
Total Dissipation at Tc
≤ 25 oC
150
W
Tstg
Storage Temperature
-65 to 200
oC
Tj
Max. Operating Junction Temperature
200
oC
1/4


Similar Part No. - 2N3772

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3772 MOSPEC-2N3772 Datasheet
132Kb / 3P
POWER TRANSISTORS(150W)
logo
ON Semiconductor
2N3772 ONSEMI-2N3772 Datasheet
204Kb / 6P
POWER TRANSISTORS (NPN SILICON)
1995 REV 7
logo
Wing Shing Computer Com...
2N3772 WINGS-2N3772 Datasheet
48Kb / 1P
NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Boca Semiconductor Corp...
2N3772 BOCA-2N3772 Datasheet
138Kb / 3P
HIGH POWER NPN SILICON POWER TRANSISTORS
logo
Microsemi Corporation
2N3772 MICROSEMI-2N3772 Datasheet
67Kb / 2P
NPN HIGH POWER SILICON TRANSISTOR
More results

Similar Description - 2N3772

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUX98C STMICROELECTRONICS-BUX98C Datasheet
41Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Sep-2003
logo
ON Semiconductor
2N5882 ONSEMI-2N5882 Datasheet
98Kb / 8P
Silicon NPN High-Power Transistor
March, 2001 ??Rev. 2
logo
STMicroelectronics
2N6547 STMICROELECTRONICS-2N6547 Datasheet
46Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Oct-2001
BUT100 STMICROELECTRONICS-BUT100_03 Datasheet
45Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Feb-2003
2N3771 STMICROELECTRONICS-2N3771_00 Datasheet
46Kb / 4P
HIGH POWER NPN SILICON TRANSISTOR
Dec-2000
logo
New Jersey Semi-Conduct...
2N1618 NJSEMI-2N1618 Datasheet
157Kb / 2P
HIGH POWER NPN SILICON TRANSISTOR
2N3772 NJSEMI-2N3772 Datasheet
124Kb / 1P
HIGH POWER NPN SILICON TRANSISTOR
BUX10 NJSEMI-BUX10 Datasheet
98Kb / 3P
HIGH POWER NPN SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
2N6676 MA-COM-2N6676 Datasheet
482Kb / 4P
NPN High Power Silicon Transistor
logo
New Jersey Semi-Conduct...
MJE2801 NJSEMI-MJE2801 Datasheet
84Kb / 1P
HIGH-POWER NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com