Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4014 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 2N4014
Description  HIGH-VOLTAGE, HIGH CURRENT SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N4014 Datasheet(HTML) 2 Page - STMicroelectronics

  2N4014 Datasheet HTML 1Page - STMicroelectronics 2N4014 Datasheet HTML 2Page - STMicroelectronics 2N4014 Datasheet HTML 3Page - STMicroelectronics 2N4014 Datasheet HTML 4Page - STMicroelectronics 2N4014 Datasheet HTML 5Page - STMicroelectronics 2N4014 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ELECTRICAL CHARACTERISITCS(Tamb =25 °C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
I CBO
Collector Cutoff Current
(IE =0)
VCB =60 V
VCB =60 V
T amb =100 °C
1.7
120
µA
µA
V( BR)CB O
Collector-base Breakdown
Voltage
(IE =0)
I C =10
µA80
V
V(B R)CES
Collector-emitter Breakdown
Voltage (VBE =0)
I C =10 µA80
V
V(BR)CE O *
Collector-Emitter Breakdown
Voltage (IB =0)
I C =10 mA
50
V
V(B R)E BO
Emitter-Base Breakdown Voltage
(IC =0)
I E =10
µA6
V
VCE(sat)*
Collector-Emitter Saturation
Voltage
I C =10 mA
I C =100 mA
I C =300 mA
I C =500 mA
I C =800 mA
I C =1000 mA
I B =1 mA
I B =10 mA
I B =30 mA
I B =50 mA
I B =80 mA
I B =100 mA
0.19
0.21
0.31
0.4
0.5
0.6
0.25
0.26
0.4
0.52
0.8
0.95
V
V
V
V
V
V
VBE(sat)*
Base-Emitter Saturation Voltage
IC =10 mA
I C =100 mA
I C =300 mA
I C =500 mA
I C =800 mA
I C =1000 mA
I B =1 mA
I B =10 mA
I B =30 mA
I B =50 mA
I B =80 mA
I B =100 mA
0.9
0.64
0.75
0.89
1.0
1.1
0.76
0.86
1.1
1.2
1.5
1.7
V
V
V
V
V
V
h FE*
DC Current Gain
I C =10 mA
I C =100 mA
I C =300 mA
I C =1000 mA
I C =800 mA
I C =500 mA
VCE =1 V
VCE =1 V
VCE =1 V
VCE =5 V
VCE =2 V
VCE =1 V
30
60
40
25
20
35
60
90
60
65
40
150
h fe
High Frequency Current Gain
IC =50 mA
f = 100 MHz
VCE =10 V
3
C CBO
Collector-base Capacitance
I E =0
f= 1 MHz
VCB = 10 V
10
pF
C EBO
Emitter-base Capacitance
I C =0
f= 1 MHz
VEB = 0.5 V
55
pF
t on**
Turn-on Time
I C =500 mA
VCC =30 V
I B =50 mA
35
ns
t of f**
Turn-off Time
I C =500 mA
I B1 =– I B2 =50
VCC =30 V
mA
60
ns
*
Pulsed : pulse duration = 300 ms, duty cycle = 1 %.
** See test circuit.
THERMAL DATA
Rth j-cas e
R th j-amb
Thermal Resistance Junction-case
Thermal Resistance Junction-ambient
Max
Max
146
486
°C/W
°C/W
2N4014
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com