Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3027 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3027
Description  1.1A, Low Noise, Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3027 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3027 Datasheet HTML 8Page - Linear Technology LT3027 Datasheet HTML 9Page - Linear Technology LT3027 Datasheet HTML 10Page - Linear Technology LT3027 Datasheet HTML 11Page - Linear Technology LT3027 Datasheet HTML 12Page - Linear Technology LT3027 Datasheet HTML 13Page - Linear Technology LT3027 Datasheet HTML 14Page - Linear Technology LT3027 Datasheet HTML 15Page - Linear Technology LT3027 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT1965
13
1965f
TYPICAL APPLICATIONS
R1
0.01Ω
R2
0.01Ω
R5
10k
R4
2.2k
R7
4.02k
1%
C2
22μF
1965 TA03
VIN > 3.7V
3.3V
2.2A
8
1
3
2
4
C3
0.01μF
IN
OUT
ADJ
GND
LT1965
SHDN
IN
SHDN
OUT
ADJ
GND
LT1965
SHDN
+
C1
100μF
+
–
+
1/2
LT1366
R6
6.65k
1%
R3
2.2k
R9
4.02k
1%
R8
6.98k
1%
Paralleling of Regulators for Higher Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com