Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0720SC Datasheet(PDF) 6 Page - YAGEO Corporation

Part # P0720SC
Description  Thyristor Surge Suppressors (TSS)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

P0720SC Datasheet(HTML) 6 Page - YAGEO Corporation

  P0720SC Datasheet HTML 1Page - YAGEO Corporation P0720SC Datasheet HTML 2Page - YAGEO Corporation P0720SC Datasheet HTML 3Page - YAGEO Corporation P0720SC Datasheet HTML 4Page - YAGEO Corporation P0720SC Datasheet HTML 5Page - YAGEO Corporation P0720SC Datasheet HTML 6Page - YAGEO Corporation P0720SC Datasheet HTML 7Page - YAGEO Corporation P0720SC Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Product Specification
PXXXXSX
THYRISTOR SURGE SUPPRESSORS
Circuit Protection
www.yageo.com
Mar. 18, 2021 V.4
Recommended Soldering Conditions
Reflow Soldering
TP
TL
tS
Preheat
25
TS max
TS min
Ramp-up
Ramp-down
Critical Zone
TL to TP
tP
tL
t 25℃ to Peak
Time
Recommended Conditions
Profile Feature
Pb-Free Assembly
Average ramp-up rate (TL to TP)
3
℃/second max.
Preheat
-Temperature Min (TS min)
-Temperature Max (TS max)
-Time (min to max) ( tS)
150
℃
200
℃
60-180 seconds
TS max to TL
-Ramp-up Rate
3
℃/second max.
Time maintained above:
-Temperature (TL)
-Time (tL)
217
℃
60-150 seconds
Peak Temperature (TP)
260
℃
Time within 5
℃ of actual Peak Temperature (t
P)
20-40 seconds
Ramp-down Rate
6
℃/second max.
Time 25
℃ to Peak Temperature
8 minutes max.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com