Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSD1GLWH Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TSD1GLWH
Description  1A, 400V - 600V ESD Capability Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSD1GLWH Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TSD1GLWH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSD1GLWH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSD1GLWH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSD1GLWH Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSD1GLWH Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TSD1GLWH
– TSD1JLWH
Taiwan Semiconductor
4
Version: B2312
PACKAGE OUTLINE DIMENSIONS
SOD-123W
2.90
2.60
B
4
C
3.80
3.60
0.13
C A B
0.13
C A B
2X
1.05
0.90
DETAIL A
1.02
0.90
0.10
0.00
C
SEATING PLANE
DETAIL A
(SCALE 2.5:1)
P/N
YWF
CATHODE
INDICATOR
1.20
1.40
3.00
0.85
0.50
NOTES: UNLESS OTHERWISE SPECIFIED
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M-2009.
3. PACKAGE OUTLINE REFERENCE:
JEDEC DO-219, VARIATION AB, ISSUE C.
4
MODED PLASTIC BODY DIMENSIONS DO NOT
INCLUDE MOLD FLASH.
5. DWG NO. REF: HQ2SD07-SOD123W-037 REV A.
P/N = MARKING CODE
YW = DATE CODE
MARKING DIAGRAM
SUGGESTED PAD
LAYOUT
1.90
1.70
A
4
0.22
0.10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com