Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSD2GAL Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSD2GAL
Description  2A, 400V - 600V ESD Capability Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSD2GAL Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSD2GAL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSD2GAL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSD2GAL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSD2GAL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSD2GAL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TSD2GAL
– TSD2JAL
Taiwan Semiconductor
2
Version: A2309
THERMAL PERFORMANCE
PARAMETER
SYMBOL
TYP
UNIT
Junction-to-lead thermal resistance
RӨJL
15
°C/W
Junction-to-ambient thermal resistance
RӨJA
75
°C/W
Junction-to-case thermal resistance
RӨJC
15
°C/W
Thermal Performance Note: Units mounted on PCB (5mm x 5mm Cu pad test board)
ELECTRICAL SPECIFICATIONS (T
A
= 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
TYP
MAX UNIT
Forward voltage(1)
IF = 1A, TJ = 25°C
VF
0.89
-
V
IF = 2A, TJ = 25°C
0.94
1.1
V
IF = 1A, TJ = 125°C
0.77
-
V
IF = 2A, TJ = 125°C
0.83
-
V
Reverse current @ rated VR(2)
TJ = 25°C
IR
-
1
µA
TJ = 125°C
5
-
µA
Junction capacitance
1MHz, VR = 4.0V
CJ
15
-
pF
Notes:
1.
Pulse test with PW = 0.3ms
2.
Pulse test with PW = 30ms
IMMUNITY TO ELECTRICAL STATIC DISCHARGE TO THE FOLLOWING
STANDARDS (T
A
= 25°C unless otherwise noted)
STANDARD
TEST TYPE
TEST
CONDITIONS
SYMBOL
CLASS
VALUE
AEC-Q101-001
Human body mode
C=100pF,
R=1.5kΩ
Vc
H3B
≥8kV
IEC 61000-4-2
Contact mode
C=150pF,
R=330Ω
x
≥10kV
Air-discharge mode
C=150pF,
R=330Ω
4
≥15kV
ORDERING INFORMATION
ORDERING CODE(1)
PACKAGE
PACKING
TSD2xAL
Thin SMA
14,000/ Tape & Reel
Notes:
1.
“x” defines voltage from 400V(TSD2GAL) to 600V(TSD2JAL)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com