Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSD2GFSH Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TSD2GFSH
Description  2A, 400V - 600V ESD Capability Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSD2GFSH Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TSD2GFSH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSD2GFSH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSD2GFSH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSD2GFSH Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSD2GFSH Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TSD2GFSH
– TSD2JFSH
Taiwan Semiconductor
4
Version: B2312
PACKAGE OUTLINE DIMENSIONS
SOD-128
P/N = MARKING CODE
YW = DATE CODE
F
= FACTORY CODE
MARKING DIAGRAM
SUGGESTED PAD
LAYOUT
1.10
0.90
0.10
0.00
0.22
0.10
C
SEATING PLANE
DETAIL A
(SCALE 3:1)
4.00
3.60
B
4
2.70
2.30
A
4
DETAIL A
C
0.80
0.40
1.90
1.60
5.00
4.40
4.10
1.20
2.30
YWF
P/N
CATHODE
INDICATOR
0.13
C A B
2X
0.13
C A B
NOTES: UNLESS OTHERWISE SPECIFIED
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M-2009.
3. PACKAGE OUTLINE REFERENCE:
JEDEC DO-221, VARIATION AD, ISSUE B.
4
MODED PLASTIC BODY DIMENSIONS DO NOT
INCLUDE MOLD FLASH.
5. DWG NO. REF: HQ2SD07-SOD128-039 REV A.
0.60
0.30



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com