Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2440 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2440
Description  Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2440 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2440 Datasheet HTML 8Page - Linear Technology LTC2440 Datasheet HTML 9Page - Linear Technology LTC2440 Datasheet HTML 10Page - Linear Technology LTC2440 Datasheet HTML 11Page - Linear Technology LTC2440 Datasheet HTML 12Page - Linear Technology LTC2440 Datasheet HTML 13Page - Linear Technology LTC2440 Datasheet HTML 14Page - Linear Technology LTC2440 Datasheet HTML 15Page - Linear Technology LTC2440 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC2453
13
2453f
INPUT SIGNAL FREQUENCY (MHz)
0
–40
0
1.00
1.25
1.50
2453 F12
–60
–80
–20
–100
2.5
5.0
7.5
INPUT SIGNAL FREQUENCY (Hz)
0
–20
–10
0
480
2453 F13
–30
–40
–25
–15
–5
–35
–45
–50
120
60
240
180
360 420
540
300
600
Figure 12. LTC2453 Input Signal Attentuation vs Frequency
Figure 13. LTC2453 Input Signal Attenuation
vs Frequency (Low Frequencies)
Signal Bandwidth, Transition Noise and Noise
Equivalent Input Bandwidth
The LTC2453 includes a sinc1 type digital filter with the first
notch located at f0 = 60Hz. As such, the 3dB input signal
bandwidth is 26.54Hz. The calculated LTC2453 input signal
attenuation vs frequency over a wide frequency range is
shown in Figure 12. The calculated LTC2453 input signal
attenuation vs frequency at low frequencies is shown in
Figure 13. The converter noise level is about 1.4μVRMS
and can be modeled by a white noise source connected
at the input of a noise-free converter.
On a related note, the LTC2453 uses two separate A/D
converters to digitize the positive and negative inputs.
Each of these A/D converters has 1.4μVRMS transition
noise. If one of the input voltages is within this small
transition noise band, then the output will fluctuate one
bit, regardless of the value of the other input voltage. If
both of the input voltages are within their transition noise
bands, the output can fluctuate 2 bits.
For a simple system noise analysis, the VIN drive circuit can
be modeled as a single-pole equivalent circuit character-
ized by a pole location fi and a noise spectral density ni.
If the converter has an unlimited bandwidth, or at least a
bandwidth substantially larger than fi, then the total noise
contribution of the external drive circuit would be:
Vn
f
ni
i
=π /•
2
Then, the total system noise level can be estimated as
the square root of the sum of (Vn2) and the square of the
LTC2453 noise floor (~1.4
μV2).
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com