Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

404 Datasheet(PDF) 2 Page - TT Electronics.

Part # 404
Description  Position Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

404 Datasheet(HTML) 2 Page - TT Electronics.

  404 Datasheet HTML 1Page - TT Electronics. 404 Datasheet HTML 2Page - TT Electronics. 404 Datasheet HTML 3Page - TT Electronics. 404 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Model 404 Series
Position Sensor
Issue D
08/2024
Page 2
TT Electronics | BI Technologies
Circulo de la Amistad #102 PIMSA IV Mexicali B.C. Mexico C.P 21210
Ph: +1 714 447 2345
www.ttelectronics.com/bi-technologies
Ordering Information
Environmental (MIL-PRF-39023)
Operating temperature range
-40°C to +125°C dynamic, -55°C to +125°C static
Load life
1 million shaft cycles at 0.25 Watts & 70°C, maximum 10% ∆R
Circuit Diagram
Feature Codes
Linearity Tape
LT
Moisture Protection*
MP
*Protective layer applied around the resistive
element to reduce impact of a high moisture
environment on termination traces.
Standard Resistance Values
1K
2K
5K
10K
20K
50K
100K 150K



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com