Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT40-AD1B-R3 Datasheet(PDF) 9 Page - Sensirion AG Switzerland

Part # SHT40-AD1B-R3
Description  4th Gen. Relative Humidity and Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT40-AD1B-R3 Datasheet(HTML) 9 Page - Sensirion AG Switzerland

Back Button SHT40-AD1B-R3 Datasheet HTML 5Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 6Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 7Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 8Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 9Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 10Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 11Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 12Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 13Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
www.sensirion.com / D1
Version 7.1 – March 2025
9 / 24
3
Electrical Specifications
Parameter
Symbol
Conditions
Min Typ Max Unit
Comments
Supply voltage
VDD
1.08 3.3
3.6
V
-
Power-up/down
VPOR
Static power supply
0.6
-
1.08
V
-
Slew rate of the
supply voltage
VDD, slew
-
-
20
V/m
s
Voltage changes on the
supply between VDD, min
and VDD, max. Faster slow
rates may lead to a reset
Supply
current
(heater off)
IDD
Idle state
-
-
0.08
-
1.0
3.4
µA
At 25 °C
At 125 °C
Power up
-
50
-
µA
-
Measurement
-
320 500
µA
Current while sensor is
measuring
Avg., high repeatability
Avg., med. repeatability
Avg., low repeatability
-
-
-
2.2
1.2
0.4
-
-
-
µA
Avg. current consumption
(continuous operation with
1 meas. per second)
Supply
current
(heater on)
IDD
Nomin. heater “200 mW”
-
60
100 mA
see section 4.9
Nomin. heater “110 mW”
-
33
55
mA
Nomin. heater “20 mW”
-
6
10
mA
Power consumpt.
at VDD=1.2 V
(no heater)
-
Avg., high repeatability
Avg., med. repeatability
Avg., low repeatability
-
-
-
2.6
1.4
0.5
-
-
-
µW
Avg. power consumption
(continuous operation with
1 meas. per second)
Low level input
voltage
VIL
-
0
-
0.3*
VDD
V
-
High level input
voltage
VIH
-
0.7*
VDD
-
VDD
V
-
Pull up resistors
Rp
VDD < 1.62 V
820
-
-
Ω
-
VDD ≥ 1.62 V
390
-
-
Ω
-
Low level output
voltage
VOL
VDD < 1.62 V,
Rpullup > 820 Ω
-
-
0.2*
VDD
V
-
VDD = 1.62 V … 2.0 V,
Rpullup > 390 Ω
-
-
0.2*
VDD
V
-
VDD > 2.0 V,
Rpullup > 390 Ω
-
-
0.4
V
-
Capacitive bus load
Cb
RP ≤ 820 Ω: fast mode
-
-
400
pF
Capacitive bus load can be
determined from
Cb < trise /(0.8473*Rp).
Rise times are trise = 300 ns
for fast mode &
trise = 120 ns for fast mode
plus
Rp = 390 Ω,
VDD > 1.62 V: fast mode
plus
-
-
340
pF
Table 4. Electrical specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com