Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC477 Datasheet(PDF) 1 Page - Seme LAB

Part # BC477
Description  Bipolar PNP Device in a Hermetically sealed TO18 Metal Package.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BC477 Datasheet(HTML) 1 Page - Seme LAB

  BC477 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BC477
Bipolar PNP Device.
V
CEO =
80V
I
C = 0.1A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
80
V
I
C(CONT)
0.1
A
h
FE
@ 5/2m (V
CE / IC)
50
220
-
f
t
150M
Hz
P
D
0.36
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
2-Aug-02
TO18 (TO206AA)
PINOUTS
1 – Emitter
2 – Base
3 – Collector
Bipolar PNP Device in a
Hermetically sealed TO18
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
1
3
2
2.54 (0.100)
Nom.
0.48 (0.019)
0.41 (0.016)
dia.
5.84 (0.230)
5.31 (0.209)
4.95 (0.195)
4.52 (0.178)


Similar Part No. - BC477

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BC477 STMICROELECTRONICS-BC477 Datasheet
139Kb / 5P
LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
Jan 1989
logo
Central Semiconductor C...
BC477 CENTRAL-BC477 Datasheet
33Kb / 1P
Small Signal Transistors
logo
Continental Device Indi...
BC477 CDIL-BC477 Datasheet
99Kb / 2P
PNP SILICON PLANAR TRANSISTOR
logo
Multicomp Pro
BC477 MULTICOMP-BC477 Datasheet
219Kb / 3P
Low Power Bipolar Transistor
25/09/19 V1.0
logo
Seme LAB
BC477A SEME-LAB-BC477A Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18
More results

Similar Description - BC477

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SF_2N995 SEME-LAB-SF_2N995 Datasheet
10Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package
SF_2N2894A SEME-LAB-SF_2N2894A Datasheet
10Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package
SF_CV7676 SEME-LAB-SF_CV7676 Datasheet
10Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package
SF_2N869 SEME-LAB-SF_2N869 Datasheet
11Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package
BC478B SEME-LAB-BC478B Datasheet
10Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package.
logo
List of Unclassifed Man...
CV9543 ETC-CV9543 Datasheet
10Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package.
logo
Seme LAB
BCW35 SEME-LAB-BCW35 Datasheet
10Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package.
CV10814 SEME-LAB-CV10814 Datasheet
13Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package
V741 SEME-LAB-V741 Datasheet
13Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package.
2N3250 SEME-LAB-2N3250 Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com