Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4036 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2N4036
Description  MEDIUM-SPEED SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N4036 Datasheet(HTML) 1 Page - STMicroelectronics

  2N4036 Datasheet HTML 1Page - STMicroelectronics 2N4036 Datasheet HTML 2Page - STMicroelectronics 2N4036 Datasheet HTML 3Page - STMicroelectronics 2N4036 Datasheet HTML 4Page - STMicroelectronics 2N4036 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2N4036
October 1988
MEDIUM-SPEED SWITCH
The 2N4036 is a silicon planar epitaxial PNP tran-
sistor in Jedec TO-39 metal case. It is intended par-
ticularly as medium speed saturated switch and
general purpose amplifier.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Unit
VCBO
Collector-base Voltage (IE =0)
– 90
V
VCEX
Collector-emitter Voltage (V BE = 1.5 V)
– 85
V
VCER
Collector-emitter Voltage (RBE ≤ 200 Ω)– 85
V
VCEO
Collector-emitter Voltage (IB =0)
– 65
V
VEBO
Emitter-base Voltage (I C =0)
– 6
V
I C
Collector Current
– 1
A
I B
Base Current
– 0.5
A
Pto t
Total Power Dissipation at T amb ≤ 25 °C
at T cas e
≤ 25 °C
1
7
W
W
Tstg,Tj
Storage and Junction Temperature
– 65 to 200
°C
DESCRIPTION
INTERNAL SCHEMATIC DIAGRAM
TO-39
1/5


Similar Part No. - 2N4036

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N4036 MOTOROLA-2N4036 Datasheet
86Kb / 4P
CASE 79.04, STYLE 1 TO-39 (TO-205AD)
logo
NXP Semiconductors
2N4036 PHILIPS-2N4036 Datasheet
51Kb / 8P
PNP switching transistor
1997 Jun 19
logo
Boca Semiconductor Corp...
2N4036 BOCA-2N4036 Datasheet
46Kb / 2P
PNP SILICON PLANAR TRANSISTOR
logo
Micro Electronics
2N4036 MICRO-ELECTRONICS-2N4036 Datasheet
147Kb / 2P
COMPLEMEMTARY SILICON AF MEDIUM POWER AMPLIFIERS & SWITCHES
logo
Central Semiconductor C...
2N4036 CENTRAL-2N4036 Datasheet
55Kb / 1P
Small Signal Transistors
More results

Similar Description - 2N4036

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE130 NTE-NTE130 Datasheet
24Kb / 2P
Silicon Power Transistor Audio Power Amp, Medium Speed Switch
NTE172A NTE-NTE172A Datasheet
24Kb / 2P
Silicon NPN Transistor Darlington Preamp, Medium Speed Switch
logo
Seme LAB
2N4033 SEME-LAB-2N4033 Datasheet
14Kb / 2P
HIGH SPEED MEDIUM VOLTAGE SWITCH
2N5154X-220M SEME-LAB-2N5154X-220M Datasheet
26Kb / 2P
HIGH SPEED MEDIUM VOLTAGE
2N5154XSMD05 SEME-LAB-2N5154XSMD05 Datasheet
21Kb / 2P
HIGH SPEED MEDIUM VOLTAGE SWITCH
2N5154XX SEME-LAB-2N5154XX Datasheet
21Kb / 2P
HIGH SPEED MEDIUM VOLTAGE SWITCH
2N4033 SEME-LAB-2N4033_01 Datasheet
42Kb / 2P
HIGH SPEED MEDIUM VOLTAGE SWITCH
logo
NTE Electronics
NTE172A NTE-NTE172A Datasheet
29Kb / 3P
NTE172A Silicon NPN Transistor Darlington Preamp, Medium Speed Switch - 13
logo
STMicroelectronics
HCF4068 STMICROELECTRONICS-HCF4068 Datasheet
159Kb / 8P
MEDIUM-SPEED OPERATION
September 2001
logo
Torquemeters Limited
ET1103 TORQUEMETERS-ET1103 Datasheet
170Kb / 2P
Medium Speed Torquemeter
Rev A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com