Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCY71 Datasheet(PDF) 2 Page - Seme LAB

Part # BCY71
Description  GENERAL PURPOSE PNP SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BCY71 Datasheet(HTML) 2 Page - Seme LAB

  BCY71 Datasheet HTML 1Page - Seme LAB BCY71 Datasheet HTML 2Page - Seme LAB BCY71 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BCY70
BCY71
BCY72
Document Number 3297
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
VCE = -20V
VCE = -50V
VCE = -20V
VCE = -45V
VCE = -20V
VCE = -25V
VEB = -5V
IC = -10mA
IB = -1mA
IC = -50mA
IB = -5mA
IC = -10mA
IB = -1mA
BCY70 AND BCY71 ONLY
IC = -50mA
IB = -5mA
BCY70
IC = -0.1mA
VCE = -1V
IC = -1mA
VCE = -1V
IC = -10mA
VCE = -1V
IC = -50mA
VCE = -1V
BCY71
IC = -0.01mA VCE = -1V
IC = -0.1mA
VCE = -1V
IC = -1mA
VCE = -1V
IC = -10mA
VCE = 1V
IC = -50mA
VCE = -1V
BCY72
IC = -1mA
VCE = - 1V
IC = -10mA
VCE = -1V
IC = -1mA
VCE = -10V
f = 1KHz
IC = -0.1mA
VCE = -20V
f = 10.7MHz
BCY71
IC = -10mA
VCE = -20V
f = 100MHz
BCY70
BCY71 and BCY72
IC = 0
VEB = -1V
f = 1MHz
IE = 0
VCB = -10V
f = 1MHz
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise stated)
ICES
Collector Cut-off Current (VBE = 0)
IEBO
Emitter Cutoff Current (IC = 0)
VCE(sat)*
Collector – Emitter Saturation Voltage
VBE(sat)*
Base – Emitter Saturation Voltage
hFE*
DC Current Gain
hfe
Small Signal Current
fT
Transition Frequency
CEBO
Emitter-Base Capacitance
CCBO
Collector-Base Capacitance
-10
-500
-100
-10
-100
-10
-10
-0.25
-0.5
-0.6
-0.9
-1.2
40
45
50
15
60
80
90
100
600
15
40
50
100
400
15
250
200
8
6
nA
nA
µA
nA
µA
µA
V
V
—
—
MHz
pF
BCY70
BCY71
BCY72



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com