Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCZN Datasheet(PDF) 8 Page - Linear Technology

Part # LCZN
Description  16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LCZN Datasheet(HTML) 8 Page - Linear Technology

Back Button LCZN Datasheet HTML 4Page - Linear Technology LCZN Datasheet HTML 5Page - Linear Technology LCZN Datasheet HTML 6Page - Linear Technology LCZN Datasheet HTML 7Page - Linear Technology LCZN Datasheet HTML 8Page - Linear Technology LCZN Datasheet HTML 9Page - Linear Technology LCZN Datasheet HTML 10Page - Linear Technology LCZN Datasheet HTML 11Page - Linear Technology LCZN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC2641/LTC2642
8
26412f
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current (IDD) vs
Temperature
Supply Current (IDD) vs Supply
Voltage (VDD)
Supply Current (IDD) vs VREF,
VDD = 5V
Supply Current (IDD) vs VREF,
VDD = 3V
Midscale Glitch Impulse
Full-Scale Transition
Full-Scale Settling (Zoomed In)
VOUT vs VDD = 0V to 5.5V
(POR Function) LTC2641
Supply Current (IDD) vs Digital
Input Voltage
TEMPERATURE (
°C)
–40
0
25
50
75
100
125
150
–15
10
35
60
26412 G19
85
VREF = 2.5V
VDD = 5V
VDD = 3V
VDD (V)
2.5
0
25
50
75
100
150
3
3.5
4
4.5
26412 G20
5
5.5
125
VREF = 2.5V
DIGITAL INPUT VOLTAGE (V)
0
0
100
300
400
500
3
3.5
4
4.5
900
26412 G21
200
0.5
1
1.5
2
2.5
5
600
700
800
VDD = 5V
VDD = 3V
VREF (V)
1
0
25
50
75
100
23
4
5
26412 G22
125
150
1.5
2.5
3.5
4.5
VDD = 5V
VREF (V)
1
0
25
50
75
100
1.5
2
2.5
3
26412 G23
125
150
VDD = 3V
CS
5V/DIV
VOUT
20mV/DIV
CODE
32767
CODE
32768
CODE
32767
500ns/DIV
26412 G24
LTC2641-16
UNBUFFERED
CL = 10pF
CS
5V/DIV
VOUT
1V/DIV
500ns/DIV
26412 G25
LTC2641-16
UNBUFFERED
CL = 10pF
VREF = 2.5V
VDD = 5V
CS
5V/DIV
SETTLE
RESIDUE
250
μV/DIV
500ns/DIV
LTC2641-16
VREF = 2.5V
CONSULT FACTORY FOR
MEASUREMENT CIRCUIT
26412 G26
VOUT
10mV/DIV
VDD = VREF
0V TO 5.5V
2V/DIV
50ms/DIV
26412 G27
LTC2641-16
UNBUFFERED
CL = 10pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com