Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM4433CSRL Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM4433CSRL
Description  20V P-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM4433CSRL Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM4433CSRL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM4433CSRL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM4433CSRL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM4433CSRL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM4433CSRL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM4433CSRL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM4433CSRL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TSM4433
20V P-Channel MOSFET
1/7
Version: A07
SOP-8
Features
●
Advance Trench Process Technology
●
High Density Cell Design for Ultra Low On-resistance
Application
●
DC-DC Conversion
●
Asynchronous Buck Converter
Ordering Information
Part No.
Package
Packing
TSM4433CS RL
SOP-8
2.5Kpcs / 13” Reel
Absolute Maximum Rating (Ta = 25 oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±8
V
Continuous Drain Current, VGS @4.5V.
ID
-3.9
A
Pulsed Drain Current, VGS @4.5V
IDM
-10
A
Continuous Source Current (Diode Conduction)
a,b
IS
-1.2
A
Ta = 25
oC
2.5
Maximum Power Dissipation
Ta = 75
oC
PD
1.3
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Junction to Foot (Drain) Thermal Resistance
RӨJF
19
oC/W
Junction to Ambient Thermal Resistance (PCB mounted)
RӨJA
40
oC/W
Notes:
a. Pulse width limited by the Maximum junction temperature
b. Surface Mounted on FR4 Board, t ≤ 10 sec.
PRODUCT SUMMARY
VDS (V)
RDS(on)(mΩ)
ID (A)
90 @ VGS = -4.5V
-3.9
110 @ VGS = -2.5V
-3.2
-20
150 @ VGS = -1.8V
-2.6
Block Diagram
P-Channel MOSFET
Pin Definition:
1. Source
2. Source
3. Source
4. Gate
5, 6, 7, 8. Drain


Similar Part No. - TSM4433CSRL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4433D TSC-TSM4433D Datasheet
357Kb / 6P
20V Dual P-Channel MOSFET
TSM4433DCSRL TSC-TSM4433DCSRL Datasheet
357Kb / 6P
20V Dual P-Channel MOSFET
More results

Similar Description - TSM4433CSRL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2313 TSC-TSM2313 Datasheet
360Kb / 6P
20V P-Channel MOSFET
TSM9434 TSC-TSM9434 Datasheet
359Kb / 6P
20V P-Channel MOSFET
TSM2301 TSC-TSM2301_07 Datasheet
346Kb / 6P
20V P-Channel MOSFET
TSM3441 TSC-TSM3441_07 Datasheet
392Kb / 6P
20V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3413 AOSMD-AO3413_10 Datasheet
462Kb / 5P
20V P-Channel MOSFET
AO7413 AOSMD-AO7413_11 Datasheet
219Kb / 5P
20V P-Channel MOSFET
AOC2415 AOSMD-AOC2415 Datasheet
248Kb / 5P
20V P-Channel MOSFET
AON1611 AOSMD-AON1611 Datasheet
226Kb / 5P
20V P-Channel MOSFET
AON7407 AOSMD-AON7407 Datasheet
248Kb / 6P
20V P-Channel MOSFET
AO7417 AOSMD-AO7417_13 Datasheet
1Mb / 4P
20V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com