Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP602T-IST Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP602T-IST
Description  2.7V to 6.0V Single Supply CMOS Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP602T-IST Datasheet(HTML) 4 Page - Microchip Technology

  MCP602T-IST Datasheet HTML 1Page - Microchip Technology MCP602T-IST Datasheet HTML 2Page - Microchip Technology MCP602T-IST Datasheet HTML 3Page - Microchip Technology MCP602T-IST Datasheet HTML 4Page - Microchip Technology MCP602T-IST Datasheet HTML 5Page - Microchip Technology MCP602T-IST Datasheet HTML 6Page - Microchip Technology MCP602T-IST Datasheet HTML 7Page - Microchip Technology MCP602T-IST Datasheet HTML 8Page - Microchip Technology MCP602T-IST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
MCP601/1R/2/3/4
DS21314G-page 4
© 2007 Microchip Technology Inc.
1.1
Test Circuits
The test circuits used for the DC and AC tests are
shown in Figure 1-2 and Figure 1-2. The bypass
capacitors are laid out according to the rules discussed
in
Section 4.5 “Supply Bypass”.
FIGURE 1-2:
AC and DC Test Circuit for
Most Non-Inverting Gain Conditions.
FIGURE 1-3:
AC and DC Test Circuit for
Most Inverting Gain Conditions.
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, V
DD = +2.7V to +5.5V and VSS = GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+85
°C
Industrial temperature parts
TA
-40
—
+125
°C
Extended temperature parts
Operating Temperature Range
TA
-40
—
+125
°C
Note
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 5L-SOT23
θ
JA
—256
—
°C/W
Thermal Resistance, 6L-SOT23
θ
JA
—230
—
°C/W
Thermal Resistance, 8L-PDIP
θ
JA
—85
—
°C/W
Thermal Resistance, 8L-SOIC
θ
JA
—163
—
°C/W
Thermal Resistance, 8L-TSSOP
θ
JA
—124
—
°C/W
Thermal Resistance, 14L-PDIP
θ
JA
—70
—
°C/W
Thermal Resistance, 14L-SOIC
θ
JA
—120
—
°C/W
Thermal Resistance, 14L-TSSOP
θ
JA
—100
—
°C/W
Note:
The Industrial temperature parts operate over this extended range, but with reduced performance. The
Extended temperature specs do not apply to Industrial temperature parts. In any case, the internal Junction
temperature (TJ) must not exceed the absolute maximum specification of 150°C.
VDD
MCP60X
RG
RF
RN
VOUT
VIN
VDD/2
1µF
CL
RL
VL
0.1 µF
VDD
MCP60X
RG
RF
RN
VOUT
VDD/2
VIN
1µF
CL
RL
VL
0.1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com