Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP604-IST Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP604-IST
Description  2.7V to 6.0V Single Supply CMOS Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP604-IST Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP604-IST Datasheet HTML 4Page - Microchip Technology MCP604-IST Datasheet HTML 5Page - Microchip Technology MCP604-IST Datasheet HTML 6Page - Microchip Technology MCP604-IST Datasheet HTML 7Page - Microchip Technology MCP604-IST Datasheet HTML 8Page - Microchip Technology MCP604-IST Datasheet HTML 9Page - Microchip Technology MCP604-IST Datasheet HTML 10Page - Microchip Technology MCP604-IST Datasheet HTML 11Page - Microchip Technology MCP604-IST Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
MCP601/1R/2/3/4
DS21314G-page 8
© 2007 Microchip Technology Inc.
Note: Unless otherwise indicated, T
A = +25°C, VDD = +2.7V to +5.5V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2,
VL = VDD/2, RL = 100 kΩ to VL, CL = 50 pF and CS is tied low.
FIGURE 2-19:
Gain Bandwidth Product,
Phase Margin vs. Load Resistance.
FIGURE 2-20:
Output Voltage Headroom
vs. Output Current.
FIGURE 2-21:
Maximum Output Voltage
Swing vs. Frequency.
FIGURE 2-22:
DC Open-Loop Gain vs.
Temperature.
FIGURE 2-23:
Output Voltage Headroom
vs. Temperature.
FIGURE 2-24:
Output Short-Circuit Current
vs. Supply Voltage.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1.E+02
1.E+03
1.E+04
1.E+05
Load Resistance (Ω)
30
40
50
60
70
80
90
100
100
10k
1k
100k
VDD = 5.0V
GBWP
PM, G = +1
1
10
100
1,000
0.01
0.1
1
10
Output Current Magnitude (mA)
VDD – VOH
VOL – VSS
0.1
1
10
1.E+04
1.E+05
1.E+06
Frequency (Hz)
10k
100k
1M
VDD = 5.5V
VDD = 2.7V
80
90
100
110
120
130
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
VDD = 5.5V
VDD = 2.7V
RL = 25 kΩ
RL = 5 kΩ
1
10
100
1000
-50
-25
0
255075
100
125
Ambient Temperature (°C)
VDD – VOH
RL = 25 kΩ
VDD = 5.5V
RL tied to VDD/2
VOL – VSS
RL = 5 kΩ
0
5
10
15
20
25
30
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Supply Voltage (V)
TA = –40°C
TA = +25°C
TA = +85°C
TA = +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com