Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLPPI2016-10-R47M-TR Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # SLPPI2016-10-R47M-TR
Description  High Power Inductors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLPPI2016-10-R47M-TR Datasheet(HTML) 5 Page - Bel Fuse Inc.

  SLPPI2016-10-R47M-TR Datasheet HTML 1Page - Bel Fuse Inc. SLPPI2016-10-R47M-TR Datasheet HTML 2Page - Bel Fuse Inc. SLPPI2016-10-R47M-TR Datasheet HTML 3Page - Bel Fuse Inc. SLPPI2016-10-R47M-TR Datasheet HTML 4Page - Bel Fuse Inc. SLPPI2016-10-R47M-TR Datasheet HTML 5Page - Bel Fuse Inc. SLPPI2016-10-R47M-TR Datasheet HTML 6Page - Bel Fuse Inc. SLPPI2016-10-R47M-TR Datasheet HTML 7Page - Bel Fuse Inc. SLPPI2016-10-R47M-TR Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 | Tel 516-239-5777 | Fax 516-239-7208
sales@signaltransformer.com | techhelp@signaltransformer.com
Custom versions available upon request.
© 2023 Signal Transformer
Specifications subject to change without notice.
SLPPI2016/SLPPI2520 Series Jan 10 2023
SLPPI2016 / SLPPI2520 Series
RoHS
Compliant
SLPPI2025 SERIES ELECTRICAL SPECIFICATIONS
Electrical specifications for all part numbers measured at 20°C unless otherwise stated.
Part Number
Inductance
L
(μH)
Inductance
Tolerance
(± %)
DCR
(mΩ)
I sat
(A)
I rms
(A)
Typ
Max
Max
Max
SLPPI2520-10-R22M
0.22
20
15.0
17.0
7.0
5.5
SLPPI2520-10-R33M
0.33
20
16.5
20.0
5.8
4.8
SLPPI2520-10-R47M
0.47
20
23.0
29.0
5.0
3.6
SLPPI2520-10-R68M
0.68
20
36.0
44.0
4.1
3.1
SLPPI2520-10-1R0M
1.00
20
44.0
53.0
3.6
3.0
SLPPI2520-10-1R5M
1.50
20
61.0
70.0
2.5
2.4
SLPPI2520-10-2R2M
2.20
20
90.0
105
2.2
1.8
SLPPI2520-12-R22M
0.22
20
11.0
13.0
7.0
8.0
SLPPI2520-12-R33M
0.33
20
15.0
16.5
5.8
5.2
SLPPI2520-12-R47M
0.47
20
20.0
25.0
5.0
4.2
SLPPI2520-12-R68M
0.68
20
30.0
34.0
4.0
3.5
SLPPI2520-12-1R0M
1.00
20
38.0
45.0
3.9
3.2
SLPPI2520-12-1R5M
1.50
20
53.0
60.0
2.6
2.6
SLPPI2520-12-2R2M
2.20
20
78.0
90.0
2.3
2.0
Notes:
1. Test Condition: 1 MHz, 1.0 Vrms.
2. I sat (Max): DC current (A) that will cause L0 to drop 30% max.
3. I rms (Max): DC current (A) that will cause an ΔT of 40°C max.
4. Operating temperature range includes self-temperature rise.
5. The rated current as listed is either the saturation current or the heating current depending on which value is lower.
Test equipment:
• L: Agilent E4980 Precision LCR Meter (Upgraded version of Agilent HP4284A) with HP42841A Current Source
• DCR: Milli-ohm meter



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com