Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP601-EST Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP601-EST
Description  2.7V to 6.0V Single Supply CMOS Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP601-EST Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP601-EST Datasheet HTML 13Page - Microchip Technology MCP601-EST Datasheet HTML 14Page - Microchip Technology MCP601-EST Datasheet HTML 15Page - Microchip Technology MCP601-EST Datasheet HTML 16Page - Microchip Technology MCP601-EST Datasheet HTML 17Page - Microchip Technology MCP601-EST Datasheet HTML 18Page - Microchip Technology MCP601-EST Datasheet HTML 19Page - Microchip Technology MCP601-EST Datasheet HTML 20Page - Microchip Technology MCP601-EST Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
© 2007 Microchip Technology Inc.
DS21314G-page 17
MCP601/1R/2/3/4
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
5-Lead SOT-23 (
MCP601 and MCP601R only)
Example:
XXNN
SJ25
Device
I-Temp
Code
E-Temp
Code
MCP601
SANN
SLNN
MCP601R
SJNN
SMNN
6-Lead SOT-23 (
MCP603 only)
Example:
XXNN
AU25
Device
I-Temp
Code
E-Temp
Code
MCP603
AENN
AUNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com