Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP602-EST Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP602-EST
Description  2.7V to 6.0V Single Supply CMOS Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP602-EST Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP602-EST Datasheet HTML 25Page - Microchip Technology MCP602-EST Datasheet HTML 26Page - Microchip Technology MCP602-EST Datasheet HTML 27Page - Microchip Technology MCP602-EST Datasheet HTML 28Page - Microchip Technology MCP602-EST Datasheet HTML 29Page - Microchip Technology MCP602-EST Datasheet HTML 30Page - Microchip Technology MCP602-EST Datasheet HTML 31Page - Microchip Technology MCP602-EST Datasheet HTML 32Page - Microchip Technology MCP602-EST Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
© 2007 Microchip Technology Inc.
DS21314G-page 29
MCP601/1R/2/3/4
APPENDIX A: REVISION HISTORY
Revision G (December 2007)
• Updated Figure 2-15 and Figure 2-19.
• Updated Table 3-1 and Table 3-2.
• Updated notes to
Section 1.0 “Electrical
Characteristics”.
• Expanded Analog Input Absolute Maximum
Voltage Range (applies retroactively).
• Expanded operating VDD to a maximum of 6.0V.
• Added Figure 2-34.
• Added
Section 4.1.1 “Phase Reversal”,
Section 4.1.2 “Input Voltage and Current Lim-
its”, and Section 4.1.3 “Normal Operation”.
• Corrected
Section 6.0 “Packaging Informa-
tion”.
Revision F (February 2004)
• Undocumented changes.
Revision E (September 2003)
• Undocumented changes.
Revision D (April 2000)
• Undocumented changes.
Revision C (July 1999)
• Undocumented changes.
Revision B (June 1999)
• Undocumented changes.
Revision A (March 1999)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com