Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5038 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 2N5038
Description  HIGH CURRENT NPN SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N5038 Datasheet(HTML) 2 Page - STMicroelectronics

  2N5038 Datasheet HTML 1Page - STMicroelectronics 2N5038 Datasheet HTML 2Page - STMicroelectronics 2N5038 Datasheet HTML 3Page - STMicroelectronics 2N5038 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
1.25
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICEV
Collector Cut-off
Current (VBE = -1.5V)
VCE = 140 V
VCE = 100 V
Tc = 150
oC50
10
mA
mA
ICEO
Collector Cut-off
Current (IB = 0)
VCE = 70 V
20
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 7 V
VEB = 5 V
50
5
mA
mA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
IC = 0.2 A
90
V
VCER(sus)
∗ Collector-Emitter
Sustaining Voltage
IC = 0.2 A
RBE = 50
Ω
110
V
VCEX(sus)
∗ Collector-Emitter
Sustaining Voltage
IC = 0.2 A
RBE = 100
Ω VBE =-1.5V
150
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 12 A
IB = 1.2 A
IC = 20 A
IB = 5 A
1
2.5
V
V
VBE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 20 A
IB = 5 A
3.3
V
VBE
∗
Base-Emitter Voltage
IC = 12 A
VCE = 5 V
1.8
V
hFE
∗
DC Current Gain
IC = 2 A
VCE = 5 V
IC = 12 A
VCE = 5 V
50
20
250
100
hfe
Small Signal Current
Gain
IC = 2 A
VCE = 10 V
f = 5 MHz
12
CCBO
Collector-Base
Capacitance
IE = 0
VCB = 10 V
f = 1 MHz
300
pF
tr
Rise Time
IC = 12 A
VCC = 30 V
IB1 = -IB2 = 1.2A
0.5
µs
ts
Storage Time
1.5
µs
tf
Fall Time
0.5
µs
Is/b
∗∗
Second Breakdown
Collector Current
VCE = 28 V
VCE = 45 V
5
0.9
A
A
Es/b
Second Breakdown
Energy
VBE = -4 V RBE = 20
Ω L = 180µH13
mJ
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
2N5038
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com